Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM6675
Description  Very fast load transient response using constant on-time control loop
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM6675 Datasheet HTML 7Page - STMicroelectronics PM6675 Datasheet HTML 8Page - STMicroelectronics PM6675 Datasheet HTML 9Page - STMicroelectronics PM6675 Datasheet HTML 10Page - STMicroelectronics PM6675 Datasheet HTML 11Page - STMicroelectronics PM6675 Datasheet HTML 12Page - STMicroelectronics PM6675 Datasheet HTML 13Page - STMicroelectronics PM6675 Datasheet HTML 14Page - STMicroelectronics PM6675 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PM6675
Electrical characteristics
11/47
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
Soft end section
Switching section discharge
resistance
15
25
35
Ω
LDO section discharge
resistance
15
25
35
LDO section
VLREF
LDO reference voltage
0.594
0.6
0.606
V
VDROP
LDO drop-out voltage
VLOUT = 0.9V, ILOUT = 1A,
-10% output drop
0.25
LDO Internal high-side
MOSFET RDS(ON)
ILOUT = 1A, AVCC=5V
0.2
0.23
Ω
ILDO,CL
LDO sink current limit
VLFB > VLREF , LILIM = 5V
-2
-2.3
-2.8
A
VLFB > VLREF, LILIM = 0V
-1
-1.15
-1.4
LDO source current limit
0.9
• V
LREF < VLFB < VLREF,
LILIM = 5V
2.8
2.3
2
0.9
• V
LREF < VLFB < VLREF,
LILIM = 0V
1.4
1.15
1
VLFB < 0.9 • VLREF, LILIM = 5V
1.4
1.15
1
VLFB < 0.9 • VLREF, LILIM = 0V
0.7
0.55
0.5
ILIN,BIAS
LDO input bias current, ON
LEN connected to AVCC, no
load
110
µA
LDO input bias current, OFF
LEN = 0V, no load
1
ILFB,BIAS
LFB input bias current
LEN connected to AVCC
VLFB = 0.6V
-1
1
ILFB,LEAK
LFB leakage current
LEN = 0V, VLFB = 0.6V
-1
1
Table 4. Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com