Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675 Datasheet(PDF) 26 Page - STMicroelectronics

Part # PM6675
Description  Very fast load transient response using constant on-time control loop
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PM6675 Datasheet HTML 22Page - STMicroelectronics PM6675 Datasheet HTML 23Page - STMicroelectronics PM6675 Datasheet HTML 24Page - STMicroelectronics PM6675 Datasheet HTML 25Page - STMicroelectronics PM6675 Datasheet HTML 26Page - STMicroelectronics PM6675 Datasheet HTML 27Page - STMicroelectronics PM6675 Datasheet HTML 28Page - STMicroelectronics PM6675 Datasheet HTML 29Page - STMicroelectronics PM6675 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Device description
PM6675
26/47
It must be taken into account that the current limit circuit actually regulates the inductor
valley current. This means that RILIM must be calculated to set a limit threshold given by the
maximum DC output current plus half of the inductor ripple current:
Equation 21
The PM6675 provides also a fixed negative current limit to prevent excessive reverse
inductor current when the switching section sinks current from the load in forced-PWM (3rd
quadrant working conditions). This negative current limit threshold is measured between
PHASE and PGND pins, comparing the drop magnitude on PHASE pin with an internal
120mV fixed threshold.
6.1.6
POR, UVLO and Soft Start
The PM6675 automatically performs an internal startup sequence during the rising phase of
the analog supply of the device (AVCC). The switching controller remains in a stand-by
state until AVCC crosses the upper UVLO threshold (4.2V typ.), keeping active the internal
discharge MOSFETs (only if AVCC > 1V).
The soft-start allows a gradual increase of the internal current limit threshold during startup
reducing the input/output surge currents. At the beginning of start-up, the PM6675 current
limit is set to 25% of nominal value and the Under Voltage Protection is disabled. Then, the
current limit threshold is sequentially brought to 100% in four steps of approximately 750
µs
(Figure 13).
Figure 13. Soft-start waveforms
After a fixed 3ms total time, the soft-start finishes and UVP is released: if the output voltage
doesn't reach the Power-Good lower threshold within soft-start duration, the UVP condition
is detected and the device performs a soft end and latches off. Depending on the load
conditions, the inductor current may or may not reach the nominal value of the current limit
during the soft-start (Figure 14 shows two examples).
DSon
ILIM
CL
R
R
A
100
I
⋅
µ
=
SWEN
Current limit threshold
Switching output
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com