Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675 Datasheet(PDF) 36 Page - STMicroelectronics

Part # PM6675
Description  Very fast load transient response using constant on-time control loop
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PM6675 Datasheet HTML 32Page - STMicroelectronics PM6675 Datasheet HTML 33Page - STMicroelectronics PM6675 Datasheet HTML 34Page - STMicroelectronics PM6675 Datasheet HTML 35Page - STMicroelectronics PM6675 Datasheet HTML 36Page - STMicroelectronics PM6675 Datasheet HTML 37Page - STMicroelectronics PM6675 Datasheet HTML 38Page - STMicroelectronics PM6675 Datasheet HTML 39Page - STMicroelectronics PM6675 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Application information
PM6675
36/47
It must be taken into account that in some MLCC the capacitance decreases when the
operating voltage is near the rated voltage. In Table 10 some MLCC suitable for most of
applications are listed.
7.1.3
Output capacitor selection
Using tantalum or electrolytic capacitors, the selection is made referring to ESR and voltage
rating rather than by a specific capacitance value.
The output capacitor has to satisfy the output voltage ripple requirements. At a given
switching frequency, small inductor values are useful to reduce the size of the choke but
increase the inductor current ripple. Thus, to reduce the output voltage ripple a low ESR
capacitor is required.
To reduce jitter noise between different switching regulators in the system, it is preferable to
work with an output voltage ripple greater than 25mV.
Concerning the load transient requirements, the Equivalent Series Resistance (ESR) of the
output capacitor must satisfy the following relationship:
Equation 37
where VRIPPLE is the maximum tolerable ripple voltage.
In addition, the ESR must be high enough high to meet stability requirements. The output
capacitor zero must be lower than the switching frequency:
Equation 38
Table 10. Evaluated MLCC for input filtering
Manufacturer
Series
Capacitance (µF) Rated voltage (V)
Maximum Irms
@100kHz (A)
TAIYO YUDEN UMK325BJ106KM-T
10
50
2
TAIYO YUDEN
GMK316F106ZL-T
10
35
2.2
TAIYO YUDEN
GMK325F106ZH-T
10
35
2.2
TAIYO YUDEN
GMK325BJ106KN
10
35
2.5
TDK
C3225X5R1E106M
10
25
MAX
,
L
MAX
,
RIPPLE
I
V
ESR
∆
≤
out
Z
SW
C
ESR
2
1
f
f
⋅
⋅
π
=
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com