Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXA0 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST7FOXA0
Description  8-bit MCU with single voltage Flash memory
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST7FOXA0 Datasheet HTML 58Page - STMicroelectronics ST7FOXA0 Datasheet HTML 59Page - STMicroelectronics ST7FOXA0 Datasheet HTML 60Page - STMicroelectronics ST7FOXA0 Datasheet HTML 61Page - STMicroelectronics ST7FOXA0 Datasheet HTML 62Page - STMicroelectronics ST7FOXA0 Datasheet HTML 63Page - STMicroelectronics ST7FOXA0 Datasheet HTML 64Page - STMicroelectronics ST7FOXA0 Datasheet HTML 65Page - STMicroelectronics ST7FOXA0 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 123 page
background image
On-chip peripherals
ST7FOXA0
62/123
9.1.6
Low power modes
Table 20.
Effect on Lite timer
9.1.7
Interrupts
Table 21.
Interrupt events
Note:
The TBF and ICF interrupt events are connected to separate interrupt vectors (see
Interrupts chapter). They generate an interrupt if the enable bit is set in the LTCSR register
and the interrupt mask in the CC register is reset (RIM instruction).
Figure 30.
Input capture timing diagram
9.1.8
Register description
Lite Timer Control/Status Register (LTCSR)
Reset Value: 0000 0x00 (0xh)
Mode
Description
Wait
No effect on Lite timer
Active-halt
No effect on Lite timer
Halt
Lite timer stops counting
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
Exit
from
Active-Halt
Timebase event
TBF
TBIE
Yes
No
Yes
IC Event
ICF
ICIE
Yes
No
No
0004h
13-bit COUNTER
t
0001h
fOSC
xxh
0002h
0003h
0005h
0006h
0007h
04h
LTIC PIN
ICF FLAG
LTICR REGISTER
CLEARED
125ns
(@ 8MHz fOSC)
fCPU
BY S/W
07h
READING
LTIC REGISTER
7
0
ICIE
ICF
TB
TBIE
TBF
WDGRF
WDGE
WDGD
Read/Write
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com