Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXA0 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST7FOXA0
Description  8-bit MCU with single voltage Flash memory
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST7FOXA0 Datasheet HTML 64Page - STMicroelectronics ST7FOXA0 Datasheet HTML 65Page - STMicroelectronics ST7FOXA0 Datasheet HTML 66Page - STMicroelectronics ST7FOXA0 Datasheet HTML 67Page - STMicroelectronics ST7FOXA0 Datasheet HTML 68Page - STMicroelectronics ST7FOXA0 Datasheet HTML 69Page - STMicroelectronics ST7FOXA0 Datasheet HTML 70Page - STMicroelectronics ST7FOXA0 Datasheet HTML 71Page - STMicroelectronics ST7FOXA0 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 123 page
background image
On-chip peripherals
ST7FOXA0
68/123
9.2.4
Low power modes
9.2.5
Interrupts
Note:
1
The interrupt events are connected to separate interrupt vectors (see Interrupts chapter).
They generate an interrupt if the enable bit is set in the ATCSR register and the interrupt
mask in the CC register is reset (RIM instruction).
2
only if CK0=1 and CK1=0
9.2.6
Register description
TImer Control Status Register (ATCSR)
Reset Value: 0000 0000 (00h)
Bits 7:5 = Reserved, must be kept cleared.
Bits 4:3 = CK[1:0] Counter Clock Selection.
These bits are set and cleared by software and cleared by hardware after a reset. They
select the clock frequency of the counter.
Table 23.
Counter clock selection
Mode
Description
Slow
The input frequency is divided by 32
Wait
No effect on AT timer
Active-Halt
AT timer halted except if CK0=1, CK1=0 and OVFIE=1
Halt
AT timer halted
Interrupt Event 1)
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
Exit
from
Active-Halt
Overflow Event
OVF
OVFIE
Yes
No
Yes2)
CMP Event
CMPFx
CMPIE
Yes
No
No
7
0
00
0
CK1
CK0
OVF
OVFIE
CMPIE
Read/Write
Counter Clock Selection
CK1
CK0
OFF
0
0
fLTIMER (1 ms timebase @ 8 MHz)
0
1
fCPU
10
Reserved
1
1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com