Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXA0 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7FOXA0
Description  8-bit MCU with single voltage Flash memory
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7FOXA0 Datasheet HTML 9Page - STMicroelectronics ST7FOXA0 Datasheet HTML 10Page - STMicroelectronics ST7FOXA0 Datasheet HTML 11Page - STMicroelectronics ST7FOXA0 Datasheet HTML 12Page - STMicroelectronics ST7FOXA0 Datasheet HTML 13Page - STMicroelectronics ST7FOXA0 Datasheet HTML 14Page - STMicroelectronics ST7FOXA0 Datasheet HTML 15Page - STMicroelectronics ST7FOXA0 Datasheet HTML 16Page - STMicroelectronics ST7FOXA0 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 123 page
background image
ST7FOXA0
Register and memory mapping
13/123
3
Register and memory mapping
As shown in Figure 3, the MCU is capable of addressing 64 Kbytes of memories and I/O
registers.
The available memory locations consist of 128 bytes of register locations, 128 bytes of RAM
and 2 Kbytes of Flash program memory. The RAM space includes up to 64 bytes for the
stack from C0h to FFh.
The highest address bytes contain the user reset and interrupt vectors.
The Flash memory contains two sectors (see Figure 3) mapped in the upper part of the ST7
addressing space so the reset and interrupt vectors are located in Sector 0 (FFE0h-FFFFh).
The size of Flash Sector 0 and other device options are configurable by option bytes (refer
to Section 13.1 on page 110).
Caution:
Memory locations marked as “Reserved” must never be accessed. Accessing a reserved
area can have unpredictable effects on the device.
Figure 3.
ST7FOXA0 memory map
0000h
RAM
Flash Memory
(2K)
Interrupt & Reset Vectors
HW Registers
0080h
007Fh
(see Table 3)
FFE0h
FFFFh
(see )
0100h
00FFh
Short Addressing
RAM (zero page)
64-Byte Stack
00FFh
0080h
00C0h
(128 Bytes)
F800h
F7FFh
FFDFh
1 Kbyte
1 Kbyte
SECTOR 1
SECTOR 0
2K Flash
FFFFh
FC00h
FBFFh
F800h
program memory
DEE0h
RCCRH0
RCCRL0
DEE1h
see
Section 6.1.1
Reserved
1000h
1001h
RCCRH_USER
RCCRL_USER
Table 3.
ST7FOXA0 Hardware register map(1)
Address
Block
Register label
Register name
Reset status
Remarks
0000h
0001h
0002h
Port A
PADR
PADDR
PAOR
Port A Data Register
Port A Data Direction Register
Port A Option Register
00h (2)
08h
02h (3)
R/W
R/W
R/W
0003h to
000Ah
Reserved area (8 bytes)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com