Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXA0 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST7FOXA0
Description  8-bit MCU with single voltage Flash memory
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST7FOXA0 Datasheet HTML 23Page - STMicroelectronics ST7FOXA0 Datasheet HTML 24Page - STMicroelectronics ST7FOXA0 Datasheet HTML 25Page - STMicroelectronics ST7FOXA0 Datasheet HTML 26Page - STMicroelectronics ST7FOXA0 Datasheet HTML 27Page - STMicroelectronics ST7FOXA0 Datasheet HTML 28Page - STMicroelectronics ST7FOXA0 Datasheet HTML 29Page - STMicroelectronics ST7FOXA0 Datasheet HTML 30Page - STMicroelectronics ST7FOXA0 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 123 page
background image
ST7FOXA0
Supply, reset and clock management
27/123
Caution:
When the Read-Out Protection is enabled through an option bit (see Section 13.1: Option
bytes), these two bytes are protected against Read-out (including a re-write protection). In
Flash devices, when this protection is removed by reprogramming the option byte, these two
bytes are automatically erased.
Figure 8.
RC user calibration programming cycle
6.1.3
Auto wakeup RC oscillator
The ST7FOX also contains an Auto wakeup RC oscillator. This RC oscillator should be
enabled to enter Auto wakeup from halt mode.
The Auto wakeup (AWU) RC oscillator can also be configured as the startup clock through
the CKSEL[1:0] option bits (see Section 13.1: Option bytes on page 110).
This is recommended for applications where very low power consumption is required.
Switching from one startup clock to another can be done in run mode as follows (see
Figure 9):
Case 1 Switching from internal RC to AWU
1.
Set the RC/AWU bit in the CKCNTCSR register to enable the AWU RC oscillator
2.
The RC_FLAG is cleared and the clock output is at 1.
3.
Wait 3 AWU RC cycles till the AWU_FLAG is set
4.
The switch to the AWU clock is made at the positive edge of the AWU clock signal
5.
Once the switch is made, the internal RC is stopped
RCCLAT
ERASE CYCLE
WRITE CYCLE
RCCPGM
tPROG
READ OPERATION NOT POSSIBLE
WRITE OF
DATA LATCHES
READ OPERATION POSSIBLE
Internal
Programming
voltage
Byte 1 Byte 2
tPROG is typically 5 ms and max 10 ms
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com