Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXA0 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST7FOXA0
Description  8-bit MCU with single voltage Flash memory
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST7FOXA0 Datasheet HTML 21Page - STMicroelectronics ST7FOXA0 Datasheet HTML 22Page - STMicroelectronics ST7FOXA0 Datasheet HTML 23Page - STMicroelectronics ST7FOXA0 Datasheet HTML 24Page - STMicroelectronics ST7FOXA0 Datasheet HTML 25Page - STMicroelectronics ST7FOXA0 Datasheet HTML 26Page - STMicroelectronics ST7FOXA0 Datasheet HTML 27Page - STMicroelectronics ST7FOXA0 Datasheet HTML 28Page - STMicroelectronics ST7FOXA0 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 123 page
background image
ST7FOXA0
Supply, reset and clock management
25/123
6
Supply, reset and clock management
The device includes a range of utility features for securing the application in critical
situations (for example in case of a power brown-out), and reducing the number of external
components. The main features are the following:
●
Clock management
–
8 MHz internal RC oscillator (enabled by option byte)
–
Auto wakeup RC oscillator (enabled by option byte)
–
External clock input (enabled by option byte)
●
Reset Sequence Manager (RSM)
●
System Integrity management (SI)
–
Main supply Low voltage detection (LVD) with reset generation (enabled by option
byte)
6.1
RC oscillator adjustment
6.1.1
Internal RC oscillator
The device contains an internal RC oscillator with a specific accuracy for a given device,
temperature and voltage range (4.5 V - 5.5 V). It must be calibrated to obtain the frequency
required in the application. This is done by software writing a 10-bit calibration value in the
RCCRH (RC Control register High) and in the bits 6:5 in the RCCRL (RC Control register
Low).
Whenever the microcontroller is reset, the RCCR returns to its default value (FFh), i.e. each
time the device is reset, the calibration value must be loaded in the RCCR. Predefined
calibration values are stored for 5 V VDD supply voltage at 25 °C (see Table 5).
In 38-pulse ICC mode, the internal RC oscillator is forced as a clock source, regardless of
the selection in the option byte.
Section 12: Electrical characteristics on page 92 for more information on the frequency and
accuracy of the RC oscillator.
To improve clock stability and frequency accuracy, it is recommended to place a decoupling
capacitor, typically 100 nF, between the VDD and VSS pins and also between the VDDA and
VSSA pins as close as possible to the ST7 device.
These bytes are systematically programmed by ST.
Table 5.
Predefined RC oscillator calibration values
RCCR
Conditions
ST7FOX
Address
RCCRH
VDD= 5V
TA= 25°C
fRC = 8 MHz
DEE0h(1) (CR[9:2])
1.
The DEE0h and DEE1h addresses are located in a reserved area in non-volatile memory. They are read-
only bytes for the application code. This area cannot be erased or programmed by any ICC operations.
For compatibility reasons with the RCCRL register, CR[1:0] bits are stored in the 5th and 6th position of
DEE1 address.
RCCRL
DEE1h(1) (CR[1:0])
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com