Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXA0 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7FOXA0
Description  8-bit MCU with single voltage Flash memory
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7FOXA0 Datasheet HTML 8Page - STMicroelectronics ST7FOXA0 Datasheet HTML 9Page - STMicroelectronics ST7FOXA0 Datasheet HTML 10Page - STMicroelectronics ST7FOXA0 Datasheet HTML 11Page - STMicroelectronics ST7FOXA0 Datasheet HTML 12Page - STMicroelectronics ST7FOXA0 Datasheet HTML 13Page - STMicroelectronics ST7FOXA0 Datasheet HTML 14Page - STMicroelectronics ST7FOXA0 Datasheet HTML 15Page - STMicroelectronics ST7FOXA0 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 123 page
background image
Pin description
ST7FOXA0
12/123
Legend / Abbreviations for Table 2:
Type: I = input, O = output, S = supply
In/Output level:CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level: HS = 20 mA high sink (on N-buffer only)
Port and control configuration:
●
Input: float = floating, wpu = weak pull-up, int = interrupt, ana = analog
●
Output: OD = open drain, PP = push-pull
Note:
The RESET configuration of each pin is shown in bold which is valid as long as the device is
in reset state.
Table 2.
Device pin description (8-pin package)
Pin
No.
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
Input
Output
1VDD
(1)
S
Main power supply
2
PA5/AIN4/
CLKIN
I/
O
CT HS X
ei4
X
X
X
Port A5
Analog input 4 or External Clock Input
3
PA4/AIN3/MCO
I/
O
CT HS X
ei3
X
X
X
Port A4
Analog input 3 or Main clock output
4
PA3/RESET (2)
O
X
XX
Port A3
RESET (2)
5
PA2/AIN2/LTIC
I/
O
CT HS X
ei2
X
X
X
Port A2
Analog input 2 or Lite Timer Input
Capture
6
PA1/AIN1/
ICCCLK
I/
O
CT HS X
ei1
XX
X
Port A1
Analog input 1 or In Circuit
Communication Clock
Caution: During normal operation
this pin must be pulled-up, internally
or externally (external pull-up of 10k
mandatory in noisy environment).
This is to avoid entering ICC mode
unexpectedly during a reset. In the
application, even if the pin is
configured as output, any reset will
put it back in pull-up
7
PA0/AIN0/
ATPWM/
ICCDATA
I/
O
CT HS X
ei0
X
X
X
Port A0
Analog input 0 or Auto-Reload Timer
PWM or In Circuit Communication
Data
8VSS
(1)
S
Ground
1.
It is mandatory to connect all available VDD and VDDA pins to the supply voltage and all VSS and VSSA pins to ground.
2.
After a reset, the multiplexed PA3/RESET pin will act as RESET. To configure this pin as output (Port A3), write 55h to
MUXCR0 and AAh to MUXCR1.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com