Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXA0 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST7FOXA0
Description  8-bit MCU with single voltage Flash memory
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST7FOXA0 Datasheet HTML 73Page - STMicroelectronics ST7FOXA0 Datasheet HTML 74Page - STMicroelectronics ST7FOXA0 Datasheet HTML 75Page - STMicroelectronics ST7FOXA0 Datasheet HTML 76Page - STMicroelectronics ST7FOXA0 Datasheet HTML 77Page - STMicroelectronics ST7FOXA0 Datasheet HTML 78Page - STMicroelectronics ST7FOXA0 Datasheet HTML 79Page - STMicroelectronics ST7FOXA0 Datasheet HTML 80Page - STMicroelectronics ST7FOXA0 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 123 page
background image
ST7FOXA0
On-chip peripherals
77/123
Bits 7:0 = D[9:2] MSB of Analog Converted Value
ADC Control/data register Low (ADCDRL)
Reset value: 0000 00xx (0xh)
Bits 7:4 = Reserved. Forced by hardware to 0.
Bit 3 = SLOW Slow mode bit
This bit is set and cleared by software. It is used together with the SPEED bit in the
ADCCSR register to configure the ADC clock speed as shown on the table below.
Bits 1:0 = D[1:0] LSB of Analog Converted value
7
0
0000
SLOW
0
D1
D0
Read/write
Table 27.
Configuring the ADC clock speed
fADC
(1)
1.
The maximum allowed value of fADC is 4 MHz (see Section 12.10 on page 108)
SLOW
SPEED
fCPU/2
0
0
fCPU
01
fCPU/4
1
x
Table 28.
ADC register mapping and reset values
Address
(Hex.)
Register
label
76
5
4
3
2
1
0
0036h
ADCCSR
Reset Value
EOC
0
SPEED
0
ADON
0
0
0
0
0
CH2
0
CH1
0
CH0
0
0037h
ADCDRH
Reset Value
D9
x
D8
x
D7
x
D6
x
D5
x
D4
x
D3
x
D2
x
0038h
ADCDRL
Reset Value
0
0
0
0
0
0
0
SLOW
0
0
D1
x
D0
x
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com