Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXA0 Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST7FOXA0
Description  8-bit MCU with single voltage Flash memory
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST7FOXA0 Datasheet HTML 87Page - STMicroelectronics ST7FOXA0 Datasheet HTML 88Page - STMicroelectronics ST7FOXA0 Datasheet HTML 89Page - STMicroelectronics ST7FOXA0 Datasheet HTML 90Page - STMicroelectronics ST7FOXA0 Datasheet HTML 91Page - STMicroelectronics ST7FOXA0 Datasheet HTML 92Page - STMicroelectronics ST7FOXA0 Datasheet HTML 93Page - STMicroelectronics ST7FOXA0 Datasheet HTML 94Page - STMicroelectronics ST7FOXA0 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 123 page
background image
ST7FOXA0
Interrupts
91/123
11.3.2
External Interrupt Control Register 2 (EICR2)
Reset value: 0000 0000 (00h)
Bits 7:4 = Reserved, must be kept cleared.
Bits 3:2 = IS4[1:0] ei4 sensitivity bits
These bits define the interrupt sensitivity for ei1 according to Table ?.
Bits 1:0 = IS0[1:0] ei3 sensitivity bits
These bits define the interrupt sensitivity for ei0 according to Table ?.
Note:
1
These 8 bits can be written only when the I bit in the CC register is set.
2
Changing the sensitivity of a particular external interrupt clears this pending interrupt. This
can be used to clear unwanted pending interrupts. Refer to Section : External interrupt
function.
3
IS4[1:0] = 01 is the only safe configuration to avoid spurious interrupt in Halt and AWUFH
modes.
7
0
0000
IS41
IS40
IS31
IS30
Read/write
Table 38.
Interrupt register mapping and reset values
Address
(Hex.)
Register
label
765
43210
0037h
EICR1
Reset Value
-
0
-
0
IS21
0
IS20
0
IS11
0
IS10
0
IS01
0
IS00
0
003Dh
EICR2
Reset Value
-
0
-
0
-
0
-
0
IS41
0
IS40
0
IS31
0
IS30
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com