Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXA0 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST7FOXA0
Description  8-bit MCU with single voltage Flash memory
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST7FOXA0 Datasheet HTML 47Page - STMicroelectronics ST7FOXA0 Datasheet HTML 48Page - STMicroelectronics ST7FOXA0 Datasheet HTML 49Page - STMicroelectronics ST7FOXA0 Datasheet HTML 50Page - STMicroelectronics ST7FOXA0 Datasheet HTML 51Page - STMicroelectronics ST7FOXA0 Datasheet HTML 52Page - STMicroelectronics ST7FOXA0 Datasheet HTML 53Page - STMicroelectronics ST7FOXA0 Datasheet HTML 54Page - STMicroelectronics ST7FOXA0 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 123 page
background image
ST7FOXA0
Power saving modes
51/123
7.5.1
Register description
7.5.2
AWUFH Control/Status Register (AWUCSR)
Reset value: 0000 0000 (00h)
Bits 7:3 = Reserved
Bit 2 = AWUF Auto wakeup flag
This bit is set by hardware when the AWU module generates an interrupt and cleared
by software on reading AWUCSR. Writing to this bit does not change its value.
0: No AWU interrupt occurred
1: AWU interrupt occurred
Bit 1 = AWUM Auto wakeup Measurement bit
This bit enables the AWU RC oscillator and connects its output to the Input Capture of
the 8-bit Lite timer. This allows the timer to be used to measure the AWU RC oscillator
dispersion and then compensate this dispersion by providing the right value in the
AWUPRE register.
0: Measurement disabled
1: Measurement enabled
Bit 0 = AWUEN Auto wakeup From Halt Enabled bit
This bit enables the Auto wakeup from halt feature: once Halt mode is entered, the
AWUFH wakes up the microcontroller after a time delay dependent on the AWU
prescaler value. It is set and cleared by software.
0: AWUFH (Auto wakeup from Halt) mode disabled
1: AWUFH (Auto wakeup from Halt) mode enabled
Note:
Whatever the clock source, this bit should be set to enable the AWUFH mode once the
HALT instruction has been executed.
7
0
00000
AWU
F
AWUM
AWUEN
Read/Write
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com