Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXA0 Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST7FOXA0
Description  8-bit MCU with single voltage Flash memory
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST7FOXA0 Datasheet HTML 107Page - STMicroelectronics ST7FOXA0 Datasheet HTML 108Page - STMicroelectronics ST7FOXA0 Datasheet HTML 109Page - STMicroelectronics ST7FOXA0 Datasheet HTML 110Page - STMicroelectronics ST7FOXA0 Datasheet HTML 111Page - STMicroelectronics ST7FOXA0 Datasheet HTML 112Page - STMicroelectronics ST7FOXA0 Datasheet HTML 113Page - STMicroelectronics ST7FOXA0 Datasheet HTML 114Page - STMicroelectronics ST7FOXA0 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 123 page
background image
ST7FOXA0
Device configuration and ordering information
111/123
13.1.2
ST7FOXA0 Option byte 0
OPT 7:4 = Reserved, must always be set
OPT 3:2 = SEC[1:0] Sector 0 size definition
These option bits indicate the size of sector 0 according to Table 61.
Bit 1 = FMP_R Read-Out Protection
Read-Out Protection, when selected provides a protection against program memory
content extraction and against write access to Flash memory. Erasing the option bytes
when the FMP_R option is selected will cause the whole memory to be erased first,
and the device can be reprogrammed. Refer to Section 4.5 on page 19 and the ST7
Flash Programming Reference Manual for more details.
0: Read-Out Protection off
1: Read-Out Protection on
Bit 0 = FMP_W Flash write protection
This option indicates if the Flash program memory is write protected.
0: Write protection off
1: Write protection on
Warning:
When the Flash write protection is selected, the program
memory (and the option bit itself) can never be erased or
programmed again.
Table 61.
Configuration of sector size
Sector 0 Size
SEC1
SEC0
0.5k
00
1k
10
2k
-1
Option byte 0
70
Option byte 1
70
Res Res Res Res
SEC
1
SEC
0
FMP
R
FMP
W
CK
SEL1
CK
SEL0
Res
Res
Res
LVD
WDG
SW
WDG
HALT
Default value
1
1
1
1
0
0
0
0
0
0
1
0
1
1
1
1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com