Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXU0 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST7FOXU0
Description  1 additional output line
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXU0 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST7FOXU0 Datasheet HTML 100Page - STMicroelectronics ST7FOXU0 Datasheet HTML 101Page - STMicroelectronics ST7FOXU0 Datasheet HTML 102Page - STMicroelectronics ST7FOXU0 Datasheet HTML 103Page - STMicroelectronics ST7FOXU0 Datasheet HTML 104Page - STMicroelectronics ST7FOXU0 Datasheet HTML 105Page - STMicroelectronics ST7FOXU0 Datasheet HTML 106Page - STMicroelectronics ST7FOXU0 Datasheet HTML 107Page - STMicroelectronics ST7FOXU0 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 123 page
background image
Electrical characteristics
ST7FOXU0
104/123
12.8.2
Output driving current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Table 56.
Output driving current characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
IIO=+5 mA, TA≤ 85°C
1.2
V
IIO=+2mA, TA≤ 85°C
0.4
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
IIO=+20mA,TA≤ 85°C
1.3
IIO=+8mATA≤ 85°C
0.75
VOH
(2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
IIO=-5mA,TA≤ 85°C
VDD-1.5
IIO=-2mATA≤ 85°C
VDD-0.8
1.
The IIO current sunk must always respect the absolute maximum rating specified in Section Table 40. and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2.
The IIO current sourced must always respect the absolute maximum rating specified in Section Table 40. and the sum of IIO
(I/O ports and control pins) must not exceed IVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com