Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXU0 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST7FOXU0
Description  1 additional output line
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXU0 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST7FOXU0 Datasheet HTML 104Page - STMicroelectronics ST7FOXU0 Datasheet HTML 105Page - STMicroelectronics ST7FOXU0 Datasheet HTML 106Page - STMicroelectronics ST7FOXU0 Datasheet HTML 107Page - STMicroelectronics ST7FOXU0 Datasheet HTML 108Page - STMicroelectronics ST7FOXU0 Datasheet HTML 109Page - STMicroelectronics ST7FOXU0 Datasheet HTML 110Page - STMicroelectronics ST7FOXU0 Datasheet HTML 111Page - STMicroelectronics ST7FOXU0 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 123 page
background image
Electrical characteristics
ST7FOXU0
108/123
12.10
10-bit ADC characteristics
Subject to general operating condition for VDD, fOSC, and TA unless otherwise specified.
Figure 41.
Typical application with ADC
Table 58.
ADC characteristics
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Unit
fADC
ADC clock frequency
4
MHz
VAIN
Conversion voltage range
VSS
VDD
V
RAIN
External input resistor
VDD = 5 V, fADC = 4 MHz
8k(2)
Ω
4.5 V
≤ V
DD ≤ 5.5 V, fADC = 2 MHz
10k(2)
CADC
Internal sample and hold
capacitor
3pF
tSTAB
Stabilization time after ADC
enable
f
CPU = 8 MHz, fADC = 4 MHz
0(3)
µs
tADC
Conversion time (Sample+Hold)
3.5
- Sample capacitor loading time
- Hold conversion time
4
10
1/fADC
1.
Unless otherwise specified, typical data are based on TA = 25 °C and VDD-VSS = 5 V. They are given only as design
guidelines and are not tested.
2.
Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than the maximum
value). Data guaranteed by Design, not tested in production.
3.
The stabilization time of the A/D converter is masked by the first tLOAD. The first conversion after the enable is then always
valid.
AINx
ST7xxx
VDD
IL
±1
µA
VT
0.6 V
VT
0.6 V
CADC
VAIN
RAIN
10-Bit A/D
Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com