Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 198 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 194Page - STMicroelectronics ST7MC1K2 Datasheet HTML 195Page - STMicroelectronics ST7MC1K2 Datasheet HTML 196Page - STMicroelectronics ST7MC1K2 Datasheet HTML 197Page - STMicroelectronics ST7MC1K2 Datasheet HTML 198Page - STMicroelectronics ST7MC1K2 Datasheet HTML 199Page - STMicroelectronics ST7MC1K2 Datasheet HTML 200Page - STMicroelectronics ST7MC1K2 Datasheet HTML 201Page - STMicroelectronics ST7MC1K2 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
198/371
When enabled by the SDM bit in the MCRB register, demagnetization can also be simulated by
comparing the MTIM timer with the MDREG register. This kind of demagnetization is called simulated
demagnetization DS.
If the HDM and SDM bits are both set, the first event that occurs, triggers a demagnetization event. For
this to work correctly, a DS event must not precede a DH event because the latter could be detected as a
Z event.
Simulated demagnetization can also be always used if the HDM bit is reset and the SDM bit is set. This
mode works as a programmable masking time between the CH and Z events. To drive the motor securely,
the masking time must be always greater than the real demagnetization time in order to avoid a spurious
Z event.
When an event occurs, (either DH or DS) the DI bit in the MISR register is set and an interrupt request is
generated if the DIM bit of register MIMR is set.
Caution:
1: Due to the alternate automatic capture and compare of the MTIM timer with MDREG
register by DH and DS events, the MDREG register should be manipulated with special care.
Caution:
2: Due to the event generation protection in the MZREG, MCOMP and MDREG registers for
Soft Event generation (see Built-in checks and controls for simulated events on page 221),
the value written in the MDREG register in soft demagnetization mode (SDM = 1) is checked
by hardware after the C event. If this value is less than or equal to the MTIM counter value at
this moment, the Software demagnetization event is generated immediately and the MTIM
current value overwrites the value in the MDREG register to be able to re-use the right
demagnetization time for another simulated event generation.
Figure 82.
D event generation mechanism
1.
Preload bit, new value taken into account at the next C event (in normal mode) or when a value is written in the MPHST
register when in direct access mode. For more details refer to the description of the DAC bit in Control register A (MCRA)
on page 265. The use of a preload register allows all the registers to be updated at the same time
2.
Register updated on R event
MTIM [8-bit up counter] (2)
DS
MDREG [Dn]
(2)
Compare
8
DH
DS
HDM bit
D= DH and HDM bit + DS and SDM bit
DH
SDM bit
F(x)
D
SDM(1) bit
HDMn bit
(1)
or
1
2
CPBn bit
(1)
C
DS,H
Sample
To Z event detection
To interrupt generator
MCRB register
MCRB register
SPLG bit
MCRC
register
SR bit
MCRA register
DH
MDFR register
DEF[3:0]
DWF[3:0]
MDFR register
DWF[3:0]
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com