Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 200 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 196Page - STMicroelectronics ST7MC1K2 Datasheet HTML 197Page - STMicroelectronics ST7MC1K2 Datasheet HTML 198Page - STMicroelectronics ST7MC1K2 Datasheet HTML 199Page - STMicroelectronics ST7MC1K2 Datasheet HTML 200Page - STMicroelectronics ST7MC1K2 Datasheet HTML 201Page - STMicroelectronics ST7MC1K2 Datasheet HTML 202Page - STMicroelectronics ST7MC1K2 Datasheet HTML 203Page - STMicroelectronics ST7MC1K2 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
200/371
Z event generation (BEMF zero crossing)
When both C and D events have occurred, the PWM may be switched to another group of
outputs (depending on the OS[2:0] bits in the MCRB register) and the real BEMF zero
crossing sampling can start (see Figure 88). After Z event, the PWM can also be switched to
another group of outputs before the next C event.
A BEMF voltage is present on the non-powered terminal but referred to the common star
connection of the motor whose voltage is equal to VDD/2.
When a winding is free-wheeling (during PWM off-time) its terminal voltage changes to the
other power rail voltage, this means if the PWM is applied on the high side driver, free-
wheeling is done through the low side diode and the terminal is 0V.
This is used to force the common star connection to 0V in order to read the BEMF referred
to the ground terminal.
Consequently, BEMF reading (that is, comparison with a voltage close to 0V) can only be
done when the PWM is applied on the high side drivers. When the BEMF signal crosses the
threshold voltage close to zero, it is called a hardware zero-crossing event ZH. A filter can be
implemented on the ZH event detection (see Figure 84).
The Z event filter register (MZFR) is used to select the number of consecutive Z events
needed to generate the ZH event. Alternatively, the PZ bit can be used to enable protection
as described in Figure 84 on page 202
For this reason the MTC outputs can be split in two groups called LOW and HIGH and the
BEMF reading is made only when PWM is applied on one of these two groups. The REO bit
in the MPOL register is used to select the group to be used for BEMF sensing (high side
group). It has to be configured whatever the sampling mode.
When enabled by the HZ bit in MCRC register, the current value of the MTIM timer is
captured in register MZREG when this event occurs in order to be able to compute the real
delay in the delay manager part for hardware commutation but also to be able to simulate
zero-crossing events for other steps.
When enabled by the SZ bit set in the MCRC register, a zero-crossing event can also be
simulated by comparing the MTIM timer value with the MZREG register. This kind of zero-
crossing event is called simulated zero-crossing ZS.
If both HZ and SZ bits are set in MCRC register, the first event that occurs, triggers a zero-
crossing event.
Depending on the edge and level selection (ZVD and CPB) bits and when PWM is applied
on the correct group, a BEMF zero crossing detection (either ZH or ZS) sets the ZI bit in the
MISR register and generates an interrupt if the ZIM bit is set in the MIMR register.
Caution:
1: Due to the alternate automatic capture and compare of the MTIM timer with MZREG
register by ZH and ZS events, the MZREG register should be manipulated with special care.
Caution:
2: Due to the event generation protection in the MZREG, MCOMP and MDREG registers for
soft event generation, the value written in the MZREG register in simulated zero-crossing
mode (SZ = 1) is checked by hardware after the D (either DH or DS) event. If this value is
less than or equal to the MTIM counter value at this moment, the simulated zero-crossing
event is generated immediately and the MTIM current value overwrites the value in the
MZREG register. See Built-in checks and controls for simulated events on page 221.
The Z event also triggers some timer/multiplier operations, for more details see
Section 10.6.7: Delay manager.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com