Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 204 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 204 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 200Page - STMicroelectronics ST7MC1K2 Datasheet HTML 201Page - STMicroelectronics ST7MC1K2 Datasheet HTML 202Page - STMicroelectronics ST7MC1K2 Datasheet HTML 203Page - STMicroelectronics ST7MC1K2 Datasheet HTML 204Page - STMicroelectronics ST7MC1K2 Datasheet HTML 205Page - STMicroelectronics ST7MC1K2 Datasheet HTML 206Page - STMicroelectronics ST7MC1K2 Datasheet HTML 207Page - STMicroelectronics ST7MC1K2 Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
204/371
Specific applications can require sampling for the Z event detection only during the ON time
of the PWM signal. This can happen when the PWM signal is applied only on the low side
switches for Z event detection. In this case, during the OFF time of the PWM signal, the
phase voltage is tied to the application voltage V and no back-EMF signal can be seen.
During the ON time of the PWM signal, the phase voltage can be compared to the neutral
point voltage and the Z event can be detected. Therefore, it is possible to add a
programmable delay before sampling (which is normally done when the PWM signal is
switched ON) to perform the sampling during the ON time of the PWM signal. This delay is
set with the DS [3:0] bits in the MCONF register.
As soon as a delay is set in the DS[3:0] bits, the minimum OFF time for the PWM signal is
no longer required and it is automatically set to 0µs in current mode in the internal sampling
clock and a true 100% duty cycle can be set in the 12-bit PWM generator compare U
register if needed.
Depending on the frequency and the duty cycle of the PWM signal, the delay inserted
before sampling could cause it sample the signal OFF time instead of the ON time. In this
case an interrupt can be generated and the sample is not taken into account. When a
sample occurs outside the PWM signal ON time, the SOI bit in the MCONF register is set
and an interrupt request is generated if the SOM bit is set in the MCONF register. This
interrupt is enabled only if a delay value has been set in the DS[3:0] bits. In this case, the
sampling is done at the PWM frequency but only during the ON time of the PWM signal.
Figure 85 and Figure 86 show in detail the generation of the sampling order when the delay
is added.
Table 91.
Delay length before sampling(1)
1.
Times are indicated for 4 MHz fPERIPH.
DS3
DS2
DS1
DS0
Delay added to sample at TON
0
0
0
0
No delay added. Sample during TOFF
000
1
2.5 µs
001
0
5 µs
001
1
7.5 µs
0
1
0
0
10 µs
0
1
0
1
12.5 µs
0
1
1
0
15 µs
0
1
1
1
17.5 µs
1
0
0
0
20 µs
1
0
0
1
22.5 µs
1
0
1
0
25 µs
1
0
1
1
27.5 µs
1
1
0
0
30 µs
1
1
0
1
32.5 µs
1
1
1
0
35 µs
1
1
1
1
37.5 µs
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com