Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 201 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 201 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 197Page - STMicroelectronics ST7MC1K2 Datasheet HTML 198Page - STMicroelectronics ST7MC1K2 Datasheet HTML 199Page - STMicroelectronics ST7MC1K2 Datasheet HTML 200Page - STMicroelectronics ST7MC1K2 Datasheet HTML 201Page - STMicroelectronics ST7MC1K2 Datasheet HTML 202Page - STMicroelectronics ST7MC1K2 Datasheet HTML 203Page - STMicroelectronics ST7MC1K2 Datasheet HTML 204Page - STMicroelectronics ST7MC1K2 Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
201/371
Figure 83.
Z event generation
1. Preload register; changes taken into account at next C event.
2.
Register updated on R event.
Protection for ZH event detection
To avoid an erroneous detection of a hardware zero-crossing event, a filter can be enabled by setting the
PZ bit in the MCRA register. This filter ensures the detection of a ZH event on an edge transition between
D event and ZH event.
Without this protection, ZH event detection is done directly on the current sample in comparison with the
expected state at the output of the phase comparator. For example, if a falling edge transition (meaning a
transition from 1 to 0 at the output of the phase comparator) is configured for ZH event through the CPB
bit in MCRB register, then, the state 0 is expected at the comparator output and once this state is
detected, the ZH event is generated without any verification that the state at the comparator output of the
previous sample was 1. The purpose of this protection filter is to be sure that the state of the comparator
output at the sample before was really the opposite of the current state which is generating the ZH event.
With this filter, the ZH event generation is done on edge transition level comparison.
This filter is not needed in sensor mode (SR = 1) and for simulated zero-crossing event (ZS) generation.
When the PZ bit is set, the Z event filter ZEF[3:0] in the MZFR register is ignored.
ZVD bit
or
or
or
1
2
REO bit
CS,H
DS,H
CPBn bit
(1)
Sample
MPOL register
MCRB register
MPOL register
PZ bit
MCRA register
To D detection
ZS
SZ bit
Z=ZH and HZ bit + ZS and SZ bit
ZH
F(x)
MTIM [8-bit up counter] (MSB) (2)
ZS
MZREG [Zn]
(2)
Compare
8
ZH
SZ bit
MCRC register
MZFR register
ZWF[3:0]
SPLG bit
DS[3:0]
bits
HZ bit
MCRC register
HZ bit
ZH
Z
To interrupt generator
MZFR register
ZEF[3:0]
ZWF[3:0]
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com