Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 178 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 178 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 174Page - STMicroelectronics ST72344K4 Datasheet HTML 175Page - STMicroelectronics ST72344K4 Datasheet HTML 176Page - STMicroelectronics ST72344K4 Datasheet HTML 177Page - STMicroelectronics ST72344K4 Datasheet HTML 178Page - STMicroelectronics ST72344K4 Datasheet HTML 179Page - STMicroelectronics ST72344K4 Datasheet HTML 180Page - STMicroelectronics ST72344K4 Datasheet HTML 181Page - STMicroelectronics ST72344K4 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
178/247
Doc ID 12321 Rev 6
11.7.8
Register description
I2C 3S control register 1 (I2C3SCR1)
Reset value: 0000 0000 (00h)
Bits 7:6 = PL1:0 Page length configuration
This bit is set and cleared by software. It is also cleared by hardware when the interface
is disabled (PE=0).
Bit 5 = Reserved, must be kept at 0.
Bit 4 = ITER BERR / NACK Interrupt enable
This bit is set and cleared by software. It is also cleared by hardware when the interface
is disabled (PE=0).
0: BERR / NACK interrupt disabled
1: BERR / NACK interrupt enabled
Note:
In case of error, if ITER is enabled either interrupt 1 or 2 is generated depending on which
slave flags the error (see Figure 83).
Bit 3= ITRE3 Interrupt enable on read from Slave 3
This bit is set and cleared by software. It is also cleared by hardware when the interface
is disabled (PE =0).
0: Interrupt on Read from Slave 3 disabled
1: Interrupt on Read from Slave 3 enabled
Bit 2 = ITRE1/2 Interrupt enable on read from Slave 1 or 2
This bit is set and cleared by software. It is also cleared by hardware when the interface
is disabled.
(PE =0)
0: Interrupt on Read from Slave 1 or 2 disabled
1: Interrupt on Read from Slave 1 or 2 enabled
7
0
PL1
PL0
0
ITER
ITRE3
ITRE1/2
ITWE3
ITWE
1/2
Read / Write
Table 70.
PL configuration
PL1
PL0
Page length
00
8
01
16
1
0
Full Page (256 bytes for slave 1 & 2, 128 bytes for slave 3)
11
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com