Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 178Page - STMicroelectronics ST72344K4 Datasheet HTML 179Page - STMicroelectronics ST72344K4 Datasheet HTML 180Page - STMicroelectronics ST72344K4 Datasheet HTML 181Page - STMicroelectronics ST72344K4 Datasheet HTML 182Page - STMicroelectronics ST72344K4 Datasheet HTML 183Page - STMicroelectronics ST72344K4 Datasheet HTML 184Page - STMicroelectronics ST72344K4 Datasheet HTML 185Page - STMicroelectronics ST72344K4 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
182/247
Doc ID 12321 Rev 6
I2C slave 1 address register (I2C3SSAR1)
Reset value: 0000 0000 (00h)
Bits 7:1 = ADDR[7:1] Address of Slave 1
This register contains the first 7 bits of Slave 1 address (excluding the LSB) and is user
programmable. It is also cleared by hardware when the interface is disabled (PE =0).
Bit 0= EN1 Enable bit for Slave Address 1
This bit is used to enable/disable Slave Address 1. It is also cleared by hardware when
the interface is disabled (PE =0).
0: Slave Address 1 disabled
1: Slave Address 1 enabled
I2C slave 2 address register (I2C3SSAR2)
Reset value: 0000 0000 (00h)
Bits 7:1 = ADDR[7:1] Address of Slave 2.
This register contains the first 7 bits of Slave 2 address (excluding the LSB) and is user
programmable. It is also cleared by hardware when the interface is disabled (PE =0).
Bit 0= EN2 Enable bit for Slave Address 2
This bit is used to enable/disable Slave Address 2. It is also cleared by hardware when
the interface is disabled (PE =0).
0: Slave Address 2 disabled
1: Slave Address 2 enabled
I2C slave 3 address register (I2C3SSAR3)
Reset value: 0000 0000 (00h)
Bit 7:1 = ADDR[7:1] Address of Slave 3
This register contains the first 7 bits of Slave 3 address (excluding the LSB) and is user
programmable. It is also cleared by hardware when the interface is disabled (PE =0).
Bit 0= EN3 Enable bit for Slave Address 3
This bit is used to enable/disable Slave Address 3. It is also cleared by hardware when
the interface is disabled (PE =0).
0: Slave Address 3 disabled
1: Slave Address 3 enabled
7
0
ADDR7
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
EN1
Read / Write
7
0
ADDR7
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
EN2
Read / Write
7
0
ADDR7
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
EN3
Read / Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com