Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 175Page - STMicroelectronics ST72344K4 Datasheet HTML 176Page - STMicroelectronics ST72344K4 Datasheet HTML 177Page - STMicroelectronics ST72344K4 Datasheet HTML 178Page - STMicroelectronics ST72344K4 Datasheet HTML 179Page - STMicroelectronics ST72344K4 Datasheet HTML 180Page - STMicroelectronics ST72344K4 Datasheet HTML 181Page - STMicroelectronics ST72344K4 Datasheet HTML 182Page - STMicroelectronics ST72344K4 Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
179/247
Bit 1= ITWE3 Interrupt enable on write to Slave 3
This bit is set and cleared by software. It is also cleared by hardware when the interface
is disabled.
0: Interrupt after write to Slave 3 disabled
1: Interrupt after write to Slave 3 enabled
Bit 0 = ITWE1/2 Interrupt enable on write to Slave 1 or 2
This bit is set and cleared by software. It is also cleared by hardware when the interface
is disabled software. It is also cleared by hardware when the interface is disabled.
0: Interrupt after write to Slave 1 or 2 disabled
1: Interrupt after write to Slave 1 or 2 enabled
I2C control register 2 (I2C3SCR2)
Reset value: 0000 0000 (00h)
Bits 7:5 = Reserved, must be kept at 0.
Bit 4 = WP2 Write Protect enable for Slave 2
This bit is set and cleared by software. It is also cleared by hardware when the interface
is disabled (PE=0)
0: Write access to Slave 2 RAM buffer enabled
1: Write access to Slave 2 RAM buffer disabled
Bit 3 = WP1 Write Protect enable for Slave 1
This bit is set and cleared by software. It is also cleared by hardware when the interface
is disabled (PE=0).
0: Write access to Slave 1 RAM buffer enabled
1: Write access to Slave 1 RAM buffer disabled
Note:
(Applicable for both WP2/ WP1)
Only write operations are disabled/enabled. Read operations are not affected.
If a write operation is attempted, the slave address is acknowledged, the current address
register is overwritten, data is also acknowledged but it is not written to the RAM.
Both the current address and byte count registers are incremented as in normal operation.
No interrupt generated if slave is write protected
BusyW will not be set if slave is write protected
Bit 2 = PE Peripheral enable
This bit is set and cleared by software.
0: Peripheral disabled
1: Slave capability enabled
Note:
To enable the I2C interface, write the CR register TWICE with PE=1, as the first write only
activates the interface (only PE is set).
7
0
0
0
0
WP2
WP1
PE
BusyW
B/W
Read / Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com