Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL53x4 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM8TL53x4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL53x4 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM8TL53x4 Datasheet HTML 54Page - STMicroelectronics STM8TL53x4 Datasheet HTML 55Page - STMicroelectronics STM8TL53x4 Datasheet HTML 56Page - STMicroelectronics STM8TL53x4 Datasheet HTML 57Page - STMicroelectronics STM8TL53x4 Datasheet HTML 58Page - STMicroelectronics STM8TL53x4 Datasheet HTML 59Page - STMicroelectronics STM8TL53x4 Datasheet HTML 60Page - STMicroelectronics STM8TL53x4 Datasheet HTML 61Page - STMicroelectronics STM8TL53x4 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
Electrical parameters
STM8TL52x4 STM8TL53x4
58/84
DocID022344 Rev 7
Output driving current
Subject to general operating conditions for VDD and TA unless otherwise specified.
Figure 19. Typ. VOL at VDD = 1.8 V (standard ports)
Table 32. Output driving current (high sink ports)
I/O type
Symbol
Parameter
Conditions
Min.
Max.
Unit
Standard
VOL(1) Output low level voltage for an I/O pin
IIO = +2 mA,
VDD = 1.8 V
-0.45
V
IIO = +2 mA,
VDD = 3.0 V
-0.45
IIO = +10 mA,
VDD = 3.0 V
-0.7
VOH(2) Output high level voltage for an I/O pin
IIO = 1 mA,
VDD = 1.8 V
VDD-0.45
-
IIO = 1 mA,
VDD = 3.0 V
VDD-0.45
-
IIO = 10 mA,
VDD = 3.0 V
VDD-0.7
-
ProxSense
I/O
VOH
Output high level voltage for PXS_TX
ProxSense I/O
IPXS_TX = 0.2 mA
VREG
-
VOH
Output high level voltage for PXS_RX
ProxSense I/O
IPXS_RX = 0.1 mA
VREG
-
1. The IIO current sunk must always respect the absolute maximum rating and the sum of IIO (I/O ports and control pins) must
not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating and the sum of IIO (I/O ports and control pins)
must not exceed IVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com