Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL53x4 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM8TL53x4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL53x4 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM8TL53x4 Datasheet HTML 46Page - STMicroelectronics STM8TL53x4 Datasheet HTML 47Page - STMicroelectronics STM8TL53x4 Datasheet HTML 48Page - STMicroelectronics STM8TL53x4 Datasheet HTML 49Page - STMicroelectronics STM8TL53x4 Datasheet HTML 50Page - STMicroelectronics STM8TL53x4 Datasheet HTML 51Page - STMicroelectronics STM8TL53x4 Datasheet HTML 52Page - STMicroelectronics STM8TL53x4 Datasheet HTML 53Page - STMicroelectronics STM8TL53x4 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
Electrical parameters
STM8TL52x4 STM8TL53x4
50/84
DocID022344 Rev 7
Figure 13. Typ. IDD(Halt) vs. VDD. fCPU = 2 MHz and 16 MHz
1. Typical current consumption measured with code executed from Flash.
Table 21. Total current consumption in Halt mode and Active-halt mode
VDD = 1.65 V to 3.6 V
(1) (2)
1. TA = 40 to 85 °C, no floating I/O, unless otherwise specified.
2. Data based on characterization, not tested in production.
Symbol
Parameter
Conditions
Typ.
Max.
Unit
IDD(AH)
Supply current in Active-halt
mode
LSI RC osc.
(at 38 kHz)
TA = 40 °C to 25 °C
1
2
A
TA = 85 °C
1.4
3.2
A
IDD(WUProx)
Supply current during
wakeup time from Active halt
mode (using HSI)
fCPU = 16 MHz
2
-
mA
tWU(AH)(3)
3. Measured from interrupt event to interrupt vector fetch. To get tWU for another CPU frequency use
tWU(FREQ) = tWU(16 MHz) + 1.5 (TFREQ-T16 MHz). The first word of interrupt routine is fetched 5 CPU
cycles after tWU.
Wakeup time from Active-
halt mode to Run mode
fCPU= 16 MHz
4
6.5
s
IDD(Halt)
Supply current in Halt mode
TA = 40 °C to 25 °C
0.4
1.2(4)
4. Tested in production.
A
TA = 85 °C
1
2.5(4)
A
IDD(WUFH)
Supply current during
wakeup time from Halt mode
fCPU = 16 MHz
2
-
mA
tWU(Halt)
Wakeup time from Halt mode
to Run mode
fCPU = 16 MHz
4
6.5
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com