Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL53x4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8TL53x4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL53x4 Datasheet(HTML) 1 Page - STMicroelectronics

  STM8TL53x4 Datasheet HTML 1Page - STMicroelectronics STM8TL53x4 Datasheet HTML 2Page - STMicroelectronics STM8TL53x4 Datasheet HTML 3Page - STMicroelectronics STM8TL53x4 Datasheet HTML 4Page - STMicroelectronics STM8TL53x4 Datasheet HTML 5Page - STMicroelectronics STM8TL53x4 Datasheet HTML 6Page - STMicroelectronics STM8TL53x4 Datasheet HTML 7Page - STMicroelectronics STM8TL53x4 Datasheet HTML 8Page - STMicroelectronics STM8TL53x4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
This is information on a product in full production.
July 2015
DocID022344 Rev 7
1/84
STM8TL52x4 STM8TL53x4
8-bit ultra-low-power touch sensing microcontroller with
16 Kbyte Flash, ProxSense™, timers, USART, SPI, I2C
Datasheet
- production data
Features
 Operating conditions
– Operating power supply: 1.65 V to 3.6 V
– Temperature range: –40 °C to 85 °C
 Low power features
– 4 low power modes: Wait, Active-halt with
AWU (1 µA), Active-halt with ProxSense™
(10 µA with scan every 200 ms),
Halt (0.4 µA)
– Dynamic power consumption: 150 µA/MHz
– Fast wakeup from Halt mode: 4.7 µs
– Ultra-low leakage per I/O: 50 nA
 Advanced STM8 Core
– Harvard architecture with 3-stage pipeline
– Max freq.16 MHz,16 CISC MIPS peak
 Memories
– Up to 16 Kbyte of Flash program including
up to 2 Kbyte of data EEPROM
– Error correction code (ECC)
– Flexible write and read protection modes
– In-application and in-circuit programming
– Data EEPROM capability
– 4 Kbyte of static RAM
Clock management
– Internal 16 MHz factory-trimmed RC
– Internal 38 kHz low consumption RC
driving both the IWDG and the AWU
 Reset and supply management
– Ultra-low-power, ultra safe power-on reset/
power-down reset
 Interrupt management
– Nested interrupt controller with software
priority control
– Up to 22 external interrupt sources
 I/Os
– Up to 23 with 22 mappable on external
interrupt vectors
– I/Os with programmable input pull-ups, high
sink/source capability
 ProxSense™ patented acquisition technology
with up to 300 touch sensing channels (20
receiver/transmitter channels and 15
transmitter channels) supporting projected
capacitive acquisition method suitable for
proximity detection.
 Timers
– Two 16-bit general purpose timers (TIM2
and TIM3) with up and down counter and
two channels (used as IC, OC, PWM)
– One 8-bit timer (TIM4) with 7-bit prescaler
– Independent watchdog
– Window watchdog
– Auto-wakeup unit
– Beeper timer with 1, 2 or 4 kHz frequencies
 Communication interfaces
– SPI synchronous serial interface
–Fast I2C Multimaster/slave 400 kHz
– USART with fractional baud rate generator
 Development support
– Hardware single wire interface module
(SWIM)
– In-circuit emulation (ICE)
Table 1. Device summary
Reference
Part number
STM8TL52x4
STM8TL52F4, STM8TL52G4
STM8TL53x4
STM8TL53C4, STM8TL53F4, STM8TL53G4
www.st.com


Similar Part No. - STM8TL53x4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8T-MOD STMICROELECTRONICS-STM8T-MOD Datasheet
52Kb / 3P
STM8T141AM-MOD modules
03-Oct-2010
STM8T141 STMICROELECTRONICS-STM8T141 Datasheet
1Mb / 50P
Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
June 2011 Rev 7
STM8T141-EVAL STMICROELECTRONICS-STM8T141-EVAL Datasheet
67Kb / 3P
STM8T141-EVAL evaluation kit
14-Oct-2010
STM8T143 STMICROELECTRONICS-STM8T143 Datasheet
1Mb / 65P
Single-channel capacitive sensor for touch and proximity detection
18-Oct-2013
STM8T143-EVAL STMICROELECTRONICS-STM8T143-EVAL Datasheet
141Kb / 3P
STM8T143-EVAL evaluation board
25-May-2012
More results

Similar Description - STM8TL53x4

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-160-20-30B-DU ECS-ECS-160-20-30B-DU Datasheet
213Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-200-20-3X-TR ECS-ECS-200-20-3X-TR Datasheet
601Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-240-18-23A-EN-TR ECS-ECS-240-18-23A-EN-TR Datasheet
150Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-250-20-30B-DU ECS-ECS-250-20-30B-DU Datasheet
213Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-250-20-33-TR ECS-ECS-250-20-33-TR Datasheet
610Kb / 2P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-400-20-3X-EN-TR ECS-ECS-400-20-3X-EN-TR Datasheet
601Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-2018-080-BN ECS-ECS-2018-080-BN Datasheet
629Kb / 2P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
logo
Vishay Siliconix
VS-HFA06TB120SPBF VISHAY-VS-HFA06TB120SPBF Datasheet
167Kb / 8P
Specified at operating conditions
26-Feb-16
logo
STMicroelectronics
STM8L151X6 STMICROELECTRONICS-STM8L151X6 Datasheet
2Mb / 146P
Operating conditions
15-Feb-2017
STM32F358XC STMICROELECTRONICS-STM32F358XC Datasheet
2Mb / 134P
Operating conditions
17-Apr-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com