Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL53x4 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM8TL53x4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL53x4 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM8TL53x4 Datasheet HTML 40Page - STMicroelectronics STM8TL53x4 Datasheet HTML 41Page - STMicroelectronics STM8TL53x4 Datasheet HTML 42Page - STMicroelectronics STM8TL53x4 Datasheet HTML 43Page - STMicroelectronics STM8TL53x4 Datasheet HTML 44Page - STMicroelectronics STM8TL53x4 Datasheet HTML 45Page - STMicroelectronics STM8TL53x4 Datasheet HTML 46Page - STMicroelectronics STM8TL53x4 Datasheet HTML 47Page - STMicroelectronics STM8TL53x4 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
Electrical parameters
STM8TL52x4 STM8TL53x4
44/84
DocID022344 Rev 7
9.1.5
Pin input voltage
The input voltage measurement on a pin of the device is described in Figure 9.
Figure 9. Pin input voltage
9.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
VIN
STM8TL5xx4 PIN
Table 13. Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDD- VSS
External supply voltage (including VDD and VDDIO)(1)
1. All power (VDD, VDDIO) and ground (VSS, VSSIO) pins must always be connected to the external power
supply.
0.3
4.0
V
VIN(2)
2. VIN maximum must always be respected. Refer to Table 14. for maximum allowed injected current values.
Receiver channel pins (PXS_Rx0a...Rx9b)
VSS0.3
PXS_VREG
(
1.45)
Input voltage on
PB0...7 and PD0...7(3)
3. Current injection on these pins is not allowed.
Pins used as General
purpose I/O
VSS0.3
4.0
Pins used as transmitter
channel pins (PXS_Tx0 to
PXS_Tx15)
VSS0.3
PXS_VREG
1.45)
Input voltage on any PA pins
VSS0.3
4.0
VESD
Electrostatic discharge
voltage
see Absolute maximum ratings (electrical sensitivity) on
page 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com