Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL53x4 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM8TL53x4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL53x4 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM8TL53x4 Datasheet HTML 11Page - STMicroelectronics STM8TL53x4 Datasheet HTML 12Page - STMicroelectronics STM8TL53x4 Datasheet HTML 13Page - STMicroelectronics STM8TL53x4 Datasheet HTML 14Page - STMicroelectronics STM8TL53x4 Datasheet HTML 15Page - STMicroelectronics STM8TL53x4 Datasheet HTML 16Page - STMicroelectronics STM8TL53x4 Datasheet HTML 17Page - STMicroelectronics STM8TL53x4 Datasheet HTML 18Page - STMicroelectronics STM8TL53x4 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
DocID022344 Rev 7
15/84
STM8TL52x4 STM8TL53x4
Product overview
25
3.9
System configuration controller
The system configuration controller provides the capability to remap some alternate
functions on different I/O ports. TIM3 channels can be remapped.
3.10
Independent watchdog
The independent watchdog (IWDG) peripheral can be used to resolve processor
malfunctions due to hardware or software failures.
It is clocked by the 38 kHz LSI internal RC clock source, and thus stays active even in case
of a CPU clock failure.
3.11
Window watchdog
The window watchdog (WWDG) is based on a 7-bit downcounter that can be set as free-
running. It can be used as a watchdog to reset the device when a problem occurs. It is
clocked from the main clock. It has an early warning interrupt capability and the counter can
be frozen in debug mode.
3.12
Auto-wakeup counter
The auto-wakeup (AWU) counter is used to wakeup the device from Active-halt mode.
3.13
General purpose and basic timers
STM8TL5xx4 devices contain two 16-bit general purpose timers (TIM2 and TIM3) and one
8-bit basic timer (TIM4).
16-bit general purpose timers
The 16-bit timers consist of 16-bit up/down auto-reload counters driven by a programmable
prescaler. They perform a wide range of functions, including:
Timebase generation
Measuring the pulse lengths of input signals (input capture)
Generating output waveforms (output compare, PWM and One pulse mode)
Interrupt capability on various events (capture, compare, overflow, break, trigger)
Synchronization with other timers or external signals (external clock, reset, trigger and
enable)
8-bit basic timer
The 8-bit timer consists of an 8-bit up auto-reload counter driven by a programmable
prescaler. It can be used for timebase generation with interrupt generation on timer
overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com