Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL53x4 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM8TL53x4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL53x4 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM8TL53x4 Datasheet HTML 41Page - STMicroelectronics STM8TL53x4 Datasheet HTML 42Page - STMicroelectronics STM8TL53x4 Datasheet HTML 43Page - STMicroelectronics STM8TL53x4 Datasheet HTML 44Page - STMicroelectronics STM8TL53x4 Datasheet HTML 45Page - STMicroelectronics STM8TL53x4 Datasheet HTML 46Page - STMicroelectronics STM8TL53x4 Datasheet HTML 47Page - STMicroelectronics STM8TL53x4 Datasheet HTML 48Page - STMicroelectronics STM8TL53x4 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
DocID022344 Rev 7
45/84
STM8TL52x4 STM8TL53x4
Electrical parameters
70
9.3
Operating conditions
Subject to general operating conditions for VDD and TA.
9.3.1
General operating conditions
Table 14. Current characteristics
Symbol
Ratings
Max.
Unit
IVDD
Total current into VDD power line (source)
80
mA
IVSS
Total current out of VSS ground line (sink)
80
IIO
Output current sunk by any other I/O and control pin
25
Output current source by any I/Os and control pin
25
IINJ(PIN)(1)
1. IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. For true open-drain pads,
there is no positive injection current, and the corresponding VIN maximum must always be respected.
Injected current on PA pins(2)
2. When several inputs are submitted to a current injection, the maximum
IINJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values). These results are based on characterization
with
IINJ(PIN) maximum current injection on four I/O port pins of the device.
±5
IINJ(PIN)
Injected current on PB pins
0
IINJ(PIN)
Injected current on PD pins
0
IINJ(PIN)(1)
Total injected current (sum of all I/O and control pins)(2)
±25
Table 15. Thermal characteristics
Symbol
Ratings
Min
Unit
TSTG
Storage temperature range
65 to +150
° C
TJ
Maximum junction temperature
150
Table 16. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fMASTER(1)
1. fMASTER = fCPU.
Master clock frequency
1.65 V
VDD < 3.6 V
2
16
MHz
VDD
Standard operating voltage
-
1.65
3.6
V
PD(2)
2. To calculate PDmax(TA) use the formula given in thermal characteristics PDmax=(TJmax TA)/JA with TJmax
in this table and
JA in table “Thermal characteristics”.
Power dissipation at TA= 85
°C for suffix 2 devices
UQFPN48
-
625
mW
UQFPN28
-
250
TSSOP20
180
TA
Temperature range
1.65 V
VDD 3.6 V
40
85
°C
TJ
Junction temperature range
40 °C TA  85 °C
40
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com