Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL53x4 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM8TL53x4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL53x4 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM8TL53x4 Datasheet HTML 43Page - STMicroelectronics STM8TL53x4 Datasheet HTML 44Page - STMicroelectronics STM8TL53x4 Datasheet HTML 45Page - STMicroelectronics STM8TL53x4 Datasheet HTML 46Page - STMicroelectronics STM8TL53x4 Datasheet HTML 47Page - STMicroelectronics STM8TL53x4 Datasheet HTML 48Page - STMicroelectronics STM8TL53x4 Datasheet HTML 49Page - STMicroelectronics STM8TL53x4 Datasheet HTML 50Page - STMicroelectronics STM8TL53x4 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
DocID022344 Rev 7
47/84
STM8TL52x4 STM8TL53x4
Electrical parameters
70
9.3.4
ProxSense Regulator Voltage
9.3.5
Supply current characteristics
Total current consumption
The MCU is placed under the following conditions:
All I/O pins in input mode with a static value at VDD or VSS (no load)
All peripherals are disabled except if explicitly mentioned
Subject to general operating conditions for VDD and TA.
Table 18. ProxSense voltage regulator characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Creg (1)
1. The capacitor must be routed as close as PXS_VREG as possible (≤ 1cm)
Voltage regulator
decoupling capacitance (2)
2. Equivalent serial resistor ≤ 1Ω
-0.5
1
10
µF
Vreg
Regulated voltage during
acquisition
-
-
1.45
-
V
Table 19. Total current consumption in Run mode (1)
1. Based on characterization results, unless otherwise specified.
Symbol
Parameter
Conditions(2)
2. All peripherals off, VDD from 1.65 V to 3.6 V, HSI internal RC oscillator, fCPU=fMASTER.
Typ.
Max.(3)
3. Maximum values are given for TA = 40 to 85 °C.
Unit
IDD (Run)
Supply
current in
Run mode
Code executed from
RAM
fMASTER = 2 MHz
0.4
0.6
mA
fMASTER = 4 MHz
0.55
0.7
fMASTER = 8 MHz
0.9
1.2
fMASTER = 16 MHz
1.6
2.1(4)
4. Tested in production.
Code executed from
Flash
fMASTER = 2 MHz
0.56
0.7
fMASTER = 4 MHz
0.88
1.8
fMASTER = 8 MHz
1.5
2.5
fMASTER = 16 MHz
2.8
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com