Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL53x4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM8TL53x4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL53x4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM8TL53x4 Datasheet HTML 6Page - STMicroelectronics STM8TL53x4 Datasheet HTML 7Page - STMicroelectronics STM8TL53x4 Datasheet HTML 8Page - STMicroelectronics STM8TL53x4 Datasheet HTML 9Page - STMicroelectronics STM8TL53x4 Datasheet HTML 10Page - STMicroelectronics STM8TL53x4 Datasheet HTML 11Page - STMicroelectronics STM8TL53x4 Datasheet HTML 12Page - STMicroelectronics STM8TL53x4 Datasheet HTML 13Page - STMicroelectronics STM8TL53x4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
Description
STM8TL52x4 STM8TL53x4
10/84
DocID022344 Rev 7
Table 2. Device features
Features
STM8TL52F4
STM8TL53F4
STM8TL52G4
STM8TL53G4
STM8TL53C4
Flash (Kbyte)
16
Data EEPROM
(Kbyte)
2
RAM (Kbyte)
4
Timers
Basic
1 (8-bit)
General
purpose
2 (16-bit)
Communi
cation
Interfaces
SPI
1
I2C
1
USART
1
GPIOs
12
17
23
ProxSense
Up to 12 touch
sensing
channels
(5 receiver/
transmitter
channels and 2
transmitter
channels)
Up to 30 touch
sensing
channels
(5 receiver/
transmitter
channels and 6
transmitter
channels)
Up to 25 touch
sensing
channels
(8 receiver/
transmitter
channels and 2
transmitter
channels)
Up to 72 touch
sensing
channels
(8 receiver/
transmitter
channels and 9
transmitter
channels)
Up to 300 touch
sensing
channels
(20 receiver/
transmitter
channels and 15
transmitter
channels)
Others
Window watchdog, independent watchdog, two 16-MHz and one 38-kHz internal RC, auto-
wakeup counter, beeper
CPU frequency
16 MHz
Operating voltage
1.65 to 3.6 V
Operating
temperature
-40 to +85 °C
Packages
TSSOP20
UFQFPN28
UFQFPN48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com