Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8TL53x4 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM8TL53x4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL53x4 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM8TL53x4 Datasheet HTML 13Page - STMicroelectronics STM8TL53x4 Datasheet HTML 14Page - STMicroelectronics STM8TL53x4 Datasheet HTML 15Page - STMicroelectronics STM8TL53x4 Datasheet HTML 16Page - STMicroelectronics STM8TL53x4 Datasheet HTML 17Page - STMicroelectronics STM8TL53x4 Datasheet HTML 18Page - STMicroelectronics STM8TL53x4 Datasheet HTML 19Page - STMicroelectronics STM8TL53x4 Datasheet HTML 20Page - STMicroelectronics STM8TL53x4 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
DocID022344 Rev 7
17/84
STM8TL52x4 STM8TL53x4
Product overview
25
3.18
ProxSense
The ProxSense peripheral uses a charge-transfer method to detect capacitance changes.
Up to 300 capacitive sensing channels composed of 15 transmitters and 20 receivers
with up to 10 Rx channels acquired in parallel
Fast acquisition with a typical scan time of 250 µs for 10 Rx channels
Configurable internal sampling capacitor (CS)
Electrode Parasitic Capacitance Compensation (EPCC) to ensure the best sensitivity in
all user environments
RF noise detection, allowing to reject corrupted samples
External trigger to de-synchronize the acquisition from known noise
Can be configured to return to low power mode between each conversion
Acquisition possible in Run, Wait and Active-halt modes
3.19
TouchSensing dedicated library available upon request
Complete C source code library with firmware examples (MISRA compliant)
Multifunction capability to combine capacitive sensing functions with traditional MCU
features
Compatible with proximity, touchkey, linear and rotary touch sensor implementation
Configuration of all ProxSense parameters
Extra filtering and calibration functions
TouchSensing user interface through firmware API for status reporting and application
configuration
Compliance with Cosmic, IAR and Raisonance C compilers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com