Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042T6 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32F042T6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042T6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32F042T6 Datasheet HTML 49Page - STMicroelectronics STM32F042T6 Datasheet HTML 50Page - STMicroelectronics STM32F042T6 Datasheet HTML 51Page - STMicroelectronics STM32F042T6 Datasheet HTML 52Page - STMicroelectronics STM32F042T6 Datasheet HTML 53Page - STMicroelectronics STM32F042T6 Datasheet HTML 54Page - STMicroelectronics STM32F042T6 Datasheet HTML 55Page - STMicroelectronics STM32F042T6 Datasheet HTML 56Page - STMicroelectronics STM32F042T6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 117 page
background image
DocID025832 Rev 5
53/117
STM32F042x4 STM32F042x6
Electrical characteristics
89
Table 28. Typical and maximum consumption in Stop and Standby modes
Conditions
Typ @VDD (VDD = VDDA)Max
(1)
2.0 V
2.4 V
2.7 V
3.0 V
3.3 V
3.6 V
TA =
25°C
TA =
85°C
TA =
105°C
IDD
Supply
current in
Stop mode
Regulator in run
mode, all
oscillators OFF
14.3
14.5
14.6
14.7
14.8
14.9
21.0
47.0
64.0
µA
Regulator in low-
power mode, all
oscillators OFF
2.93.1
3.23.3
3.43.5
6.5
32.0
44.0
Supply
current in
Standby
mode
LSI ON and IWDG
ON
0.80.9
1.11.2
1.31.5
-
-
-
LSI OFF and IWDG
OFF
0.60.7
0.80.9
1.01.1
2.0
2.5
3.0
IDDA
Supply
current in
Stop mode
Regulator in
run mode, all
oscillators
OFF
2.02.1
2.22.4
2.52.7
3.5
3.5
4.5
Regulator in
low-power
mode, all
oscillators
OFF
2.02.1
2.22.4
2.52.7
3.5
3.5
4.5
Supply
current in
Standby
mode
LSI ON and
IWDG ON
2.42.6
2.83.0
3.13.4
-
-
-
LSI OFF and
IWDG OFF
1.92.0
2.12.3
2.42.5
3.4
3.5
4.5
Supply
current in
Stop mode
Regulator in
run mode, all
oscillators
OFF
1.31.3
1.31.4
1.41.5
-
-
-
Regulator in
low-power
mode, all
oscillators
OFF
1.31.3
1.31.4
1.41.5
-
-
-
Supply
current in
Standby
mode
LSI ON and
IWDG ON
1.71.8
1.82.0
2.12.2
-
-
-
LSI OFF and
IWDG OFF
1.11.2
1.21.3
1.31.4
-
-
-
1. Data based on characterization results, not tested in production unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com