Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042T6 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32F042T6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042T6 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32F042T6 Datasheet HTML 78Page - STMicroelectronics STM32F042T6 Datasheet HTML 79Page - STMicroelectronics STM32F042T6 Datasheet HTML 80Page - STMicroelectronics STM32F042T6 Datasheet HTML 81Page - STMicroelectronics STM32F042T6 Datasheet HTML 82Page - STMicroelectronics STM32F042T6 Datasheet HTML 83Page - STMicroelectronics STM32F042T6 Datasheet HTML 84Page - STMicroelectronics STM32F042T6 Datasheet HTML 85Page - STMicroelectronics STM32F042T6 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 117 page
background image
Electrical characteristics
STM32F042x4 STM32F042x6
82/117
DocID025832 Rev 5
6.3.17
Temperature sensor characteristics
6.3.18
VBAT monitoring characteristics
6.3.19
Timer characteristics
The parameters given in the following tables are guaranteed by design.
Refer to Section 6.3.14: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
Table 57. TS characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL(1)
VSENSE linearity with temperature
-
± 1
± 2
°C
Avg_Slope(1)
Average slope
4.0
4.3
4.6
mV/°C
V30
Voltage at 30 °C (± 5 °C)(2)
1.34
1.43
1.52
V
tSTART(1)
ADC_IN16 buffer startup time
-
-
10
µs
tS_temp(1)
ADC sampling time when reading the
temperature
4-
-
µs
1. Guaranteed by design, not tested in production.
2. Measured at VDDA = 3.3 V ± 10 mV. The V30 ADC conversion result is stored in the TS_CAL1 byte. Refer to Table 3:
Temperature sensor calibration values
.
Table 58. VBAT monitoring characteristics
Symbol
Parameter
Min
Typ
Max
Unit
R
Resistor bridge for VBAT
-2 x 50
-
kΩ
Q
Ratio on VBAT measurement
-
2
-
-
Er(1)
Error on Q
–1
-
+1
%
tS_vbat(1)
ADC sampling time when reading the VBAT
4-
-
µs
1. Guaranteed by design, not tested in production.
Table 59. TIMx characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tres(TIM)
Timer resolution time
--
1
-
tTIMxCLK
fTIMxCLK = 48 MHz
-
20.8
-
ns
fEXT
Timer external clock
frequency on CH1 to
CH4
--
fTIMxCLK/2
-MHz
fTIMxCLK = 48 MHz
-
24
-
MHz
tMAX_COUNT
16-bit timer maximum
period
--
216
-
tTIMxCLK
fTIMxCLK = 48 MHz
-
1365
-
µs
32-bit counter
maximum period
--
232
-
tTIMxCLK
fTIMxCLK = 48 MHz
-
89.48
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com