Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042T6 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM32F042T6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042T6 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM32F042T6 Datasheet HTML 54Page - STMicroelectronics STM32F042T6 Datasheet HTML 55Page - STMicroelectronics STM32F042T6 Datasheet HTML 56Page - STMicroelectronics STM32F042T6 Datasheet HTML 57Page - STMicroelectronics STM32F042T6 Datasheet HTML 58Page - STMicroelectronics STM32F042T6 Datasheet HTML 59Page - STMicroelectronics STM32F042T6 Datasheet HTML 60Page - STMicroelectronics STM32F042T6 Datasheet HTML 61Page - STMicroelectronics STM32F042T6 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 117 page
background image
Electrical characteristics
STM32F042x4 STM32F042x6
58/117
DocID025832 Rev 5
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 32. The MCU is placed
under the following conditions:
•
All I/O pins are in analog mode
•
All peripherals are disabled unless otherwise mentioned
•
The given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
•
Ambient operating temperature and supply voltage conditions summarized in Table 18:
Voltage characteristics
Table 32. Peripheral current consumption
Peripheral
Typical consumption at 25 °C
Unit
AHB
BusMatrix(1)
2.2
µA/MHz
CRC
1.9
DMA
5.1
Flash memory interface
15.0
GPIOA
8.2
GPIOB
7.7
GPIOC
2.1
GPIOF
1.8
SRAM
1.1
TSC
4.9
All AHB peripherals
49.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com