Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042T6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F042T6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042T6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F042T6 Datasheet HTML 6Page - STMicroelectronics STM32F042T6 Datasheet HTML 7Page - STMicroelectronics STM32F042T6 Datasheet HTML 8Page - STMicroelectronics STM32F042T6 Datasheet HTML 9Page - STMicroelectronics STM32F042T6 Datasheet HTML 10Page - STMicroelectronics STM32F042T6 Datasheet HTML 11Page - STMicroelectronics STM32F042T6 Datasheet HTML 12Page - STMicroelectronics STM32F042T6 Datasheet HTML 13Page - STMicroelectronics STM32F042T6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 117 page
background image
Description
STM32F042x4 STM32F042x6
10/117
DocID025832 Rev 5
2
Description
The STM32F042x4/x6 microcontrollers incorporate the high-performance
ARM® Cortex®-M0 32-bit RISC core operating at up to 48 MHz frequency, high-speed
embedded memories (up to 32 Kbytes of Flash memory and 6 Kbytes of SRAM), and an
extensive range of enhanced peripherals and I/Os. All devices offer standard
communication interfaces (one I2C, two SPIs/one I2S, one HDMI CEC and two USARTs),
one USB Full-speed device (crystal-less), one CAN, one 12-bit ADC, four 16-bit timers, one
32-bit timer and an advanced-control PWM timer.
The STM32F042x4/x6 microcontrollers operate in the -40 to +85 °C and -40 to +105 °C
temperature ranges, from a 2.0 to 3.6 V power supply. A comprehensive set of
power-saving modes allows the design of low-power applications.
The STM32F042x4/x6 microcontrollers include devices in seven different packages ranging
from 20 pins to 48 pins with a die form also available upon request. Depending on the
device chosen, different sets of peripherals are included.
These features make the STM32F042x4/x6 microcontrollers suitable for a wide range of
applications such as application control and user interfaces, hand-held equipment, A/V
receivers and digital TV, PC peripherals, gaming and GPS platforms, industrial applications,
PLCs, inverters, printers, scanners, alarm systems, video intercoms and HVACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com