Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042T6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32F042T6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042T6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32F042T6 Datasheet HTML 17Page - STMicroelectronics STM32F042T6 Datasheet HTML 18Page - STMicroelectronics STM32F042T6 Datasheet HTML 19Page - STMicroelectronics STM32F042T6 Datasheet HTML 20Page - STMicroelectronics STM32F042T6 Datasheet HTML 21Page - STMicroelectronics STM32F042T6 Datasheet HTML 22Page - STMicroelectronics STM32F042T6 Datasheet HTML 23Page - STMicroelectronics STM32F042T6 Datasheet HTML 24Page - STMicroelectronics STM32F042T6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 117 page
background image
DocID025832 Rev 5
21/117
STM32F042x4 STM32F042x6
Functional overview
27
3.12
Timers and watchdogs
The STM32F042x4/x6 devices include up to five general-purpose timers and an advanced
control timer.
Table 7
compares the features of the different timers.
3.12.1
Advanced-control timer (TIM1)
The advanced-control timer (TIM1) can be seen as a three-phase PWM multiplexed on six
channels. It has complementary PWM outputs with programmable inserted dead times. It
Table 6. No. of capacitive sensing channels available on STM32F042x devices
Analog I/O group
Number of capacitive sensing channels
STM32F042Cx
LQPF48
UQFPN48
STM32F042Tx
WLCSP36
STM32F042Kx
LQFP32
UQFPN32
STM32F042Gx
UQFPN28
STM32F042Fx
TSSOP20
G1
33333
G2
33333
G3
2
2
1
2
10
G4
33311
G5
33330
Number of capacitive
sensing channels
14
14
13
14
11
7
Table 7. Timer feature comparison
Timer
type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/compare
channels
Complementary
outputs
Advanced
control
TIM1
16-bit
Up, down,
up/down
integer from
1 to 65536
Yes
4
3
General
purpose
TIM2
32-bit
Up, down,
up/down
integer from
1 to 65536
Yes
4
-
TIM3
16-bit
Up, down,
up/down
integer from
1 to 65536
Yes
4
-
TIM14
16-bit
Up
integer from
1 to 65536
No
1
-
TIM16
TIM17
16-bit
Up
integer from
1 to 65536
Yes
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com