Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042T6 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32F042T6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042T6 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32F042T6 Datasheet HTML 71Page - STMicroelectronics STM32F042T6 Datasheet HTML 72Page - STMicroelectronics STM32F042T6 Datasheet HTML 73Page - STMicroelectronics STM32F042T6 Datasheet HTML 74Page - STMicroelectronics STM32F042T6 Datasheet HTML 75Page - STMicroelectronics STM32F042T6 Datasheet HTML 76Page - STMicroelectronics STM32F042T6 Datasheet HTML 77Page - STMicroelectronics STM32F042T6 Datasheet HTML 78Page - STMicroelectronics STM32F042T6 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 117 page
background image
DocID025832 Rev 5
75/117
STM32F042x4 STM32F042x6
Electrical characteristics
89
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to +/-8 mA, and sink or
source up to +/- 20 mA (with a relaxed VOL/VOH).
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 6.2:
•
The sum of the currents sourced by all the I/Os on VDDIOx, plus the maximum
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
Σ
IVDD (see Table 18: Voltage characteristics).
•
The sum of the currents sunk by all the I/Os on VSS, plus the maximum consumption of
the MCU sunk on VSS, cannot exceed the absolute maximum rating ΣIVSS (see
Table 18: Voltage characteristics
).
Output voltage levels
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature and supply voltage conditions summarized in
Table 21: General operating conditions
. All I/Os are CMOS- and TTL-compliant (FT, TTa or
TC unless otherwise specified).
Table 51. Output voltage characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low level voltage for an I/O pin
CMOS port(2)
|IIO| = 8 mA
VDDIOx ≥ 2.7 V
-0.4
V
VOH
Output high level voltage for an I/O pin
VDDIOx–0.4
-
VOL
Output low level voltage for an I/O pin
TTL port(2)
|IIO| = 8 mA
VDDIOx ≥ 2.7 V
-0.4
V
VOH
Output high level voltage for an I/O pin
2.4
-
VOL(3)
Output low level voltage for an I/O pin
|IIO| = 20 mA
VDDIOx ≥ 2.7 V
-1.3
V
VOH(3)
Output high level voltage for an I/O pin
VDDIOx–1.3
-
VOL(3)
Output low level voltage for an I/O pin
|IIO| = 6 mA
VDDIOx ≥ 2 V
-0.4
V
VOH(3)
Output high level voltage for an I/O pin
VDDIOx–0.4
-
VOL(4)
Output low level voltage for an I/O pin
|IIO| = 4 mA
-0.4
V
VOH(4)
Output high level voltage for an I/O pin
VDDIOx–0.4
-
V
VOLFm+(3)
Output low level voltage for an FTf I/O pin in
Fm+ mode
|IIO| = 20 mA
VDDIOx ≥ 2.7 V
-0.4
V
|IIO| = 10 mA
-
0.4
V
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 18:
Voltage characteristics
, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings
Σ
IIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. Data based on characterization results. Not tested in production.
4. Data based on characterization results. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com