Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042T6 Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32F042T6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042T6 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32F042T6 Datasheet HTML 74Page - STMicroelectronics STM32F042T6 Datasheet HTML 75Page - STMicroelectronics STM32F042T6 Datasheet HTML 76Page - STMicroelectronics STM32F042T6 Datasheet HTML 77Page - STMicroelectronics STM32F042T6 Datasheet HTML 78Page - STMicroelectronics STM32F042T6 Datasheet HTML 79Page - STMicroelectronics STM32F042T6 Datasheet HTML 80Page - STMicroelectronics STM32F042T6 Datasheet HTML 81Page - STMicroelectronics STM32F042T6 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 117 page
background image
Electrical characteristics
STM32F042x4 STM32F042x6
78/117
DocID025832 Rev 5
Figure 25. Recommended NRST pin protection
1. The external capacitor protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 53: NRST pin characteristics
. Otherwise the reset will not be taken into account by the device.
6.3.16
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 54 are derived from tests
performed under the conditions summarized in Table 21: General operating conditions.
Note:
It is recommended to perform a calibration after each power-up.
Vhys(NRST)
NRST Schmitt trigger voltage
hysteresis
--
200
-
mV
RPU
Weak pull-up equivalent
resistor(2)
VIN = VSS
25
40
55
kΩ
VF(NRST) NRST input filtered pulse
-
-
-
100(1)
ns
VNF(NRST) NRST input not filtered pulse
2.7 < VDD < 3.6
300(3)
--
ns
2.0 < VDD < 3.6
500(3)
--
1. Data based on design simulation only. Not tested in production.
2. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series
resistance is minimal (~10% order).
3. Data based on design simulation only. Not tested in production.
Table 53. NRST pin characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 54. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage for
ADC ON
-
2.4
-
3.6
V
IDDA (ADC)
Current consumption of
the ADC(1)
VDDA = 3.3 V
-
0.9
-
mA
fADC
ADC clock frequency
-
0.6
-
14
MHz
fS(2)
Sampling rate
12-bit resolution
0.043
-
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com