Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042T6 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM32F042T6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042T6 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM32F042T6 Datasheet HTML 83Page - STMicroelectronics STM32F042T6 Datasheet HTML 84Page - STMicroelectronics STM32F042T6 Datasheet HTML 85Page - STMicroelectronics STM32F042T6 Datasheet HTML 86Page - STMicroelectronics STM32F042T6 Datasheet HTML 87Page - STMicroelectronics STM32F042T6 Datasheet HTML 88Page - STMicroelectronics STM32F042T6 Datasheet HTML 89Page - STMicroelectronics STM32F042T6 Datasheet HTML 90Page - STMicroelectronics STM32F042T6 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 117 page
background image
DocID025832 Rev 5
87/117
STM32F042x4 STM32F042x6
Electrical characteristics
89
Figure 31. I2S slave timing diagram (Philips protocol)
1. Measurement points are done at CMOS levels: 0.3 × VDDIOx and 0.7 × VDDIOx.
2. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
tsu(SD_MR)
Data input setup time
Master receiver
6
-
ns
tsu(SD_SR)
Slave receiver
2
-
th(SD_MR)(2)
Data input hold time
Master receiver
4
-
th(SD_SR)(2)
Slave receiver
0.5
-
tv(SD_MT)(2)
Data output valid time
Master transmitter
-
4
tv(SD_ST)(2)
Slave transmitter
-
20
th(SD_MT)
Data output hold time
Master transmitter
0
-
th(SD_ST)
Slave transmitter
13
-
1. Data based on design simulation and/or characterization results, not tested in production.
2. Depends on fPCLK. For example, if fPCLK = 8 MHz, then TPCLK = 1/fPLCLK = 125 ns.
Table 64. I2S characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com