Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042T6 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32F042T6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042T6 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32F042T6 Datasheet HTML 43Page - STMicroelectronics STM32F042T6 Datasheet HTML 44Page - STMicroelectronics STM32F042T6 Datasheet HTML 45Page - STMicroelectronics STM32F042T6 Datasheet HTML 46Page - STMicroelectronics STM32F042T6 Datasheet HTML 47Page - STMicroelectronics STM32F042T6 Datasheet HTML 48Page - STMicroelectronics STM32F042T6 Datasheet HTML 49Page - STMicroelectronics STM32F042T6 Datasheet HTML 50Page - STMicroelectronics STM32F042T6 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 117 page
background image
DocID025832 Rev 5
47/117
STM32F042x4 STM32F042x6
Electrical characteristics
89
6.3
Operating conditions
6.3.1
General operating conditions
6.3.2
Operating conditions at power-up / power-down
The parameters given in Table 22 are derived from tests performed under the ambient
temperature condition summarized in Table 21.
Table 21. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
48
MHz
fPCLK
Internal APB clock frequency
-
0
48
VDD
Standard operating voltage
-
2.0
3.6
V
VDDIO2
I/O supply voltage
Must not be supplied if VDD
is not present
1.65
3.6
V
VDDA
Analog operating voltage
(ADC not used)
Must have a potential equal
to or higher than VDD
VDD
3.6
V
Analog operating voltage
(ADC used)
2.4
3.6
VBAT
Backup operating voltage
-
1.65
3.6
V
VIN
I/O input voltage
TC and RST I/O
-0.3
VDDIOx+0.3
V
TTa I/O
-0.3
VDDA+0.3(1)
FT and FTf I/O
-0.3
5.5(1)
PD
Power dissipation at TA = 85 °C
for suffix 6 or TA = 105 °C for
suffix 7(2)
LQFP48
-
364
mW
UFQFPN48
-
606
WLCSP36
-
313
LQFP32
-
351
UFQFPN32
-
526
UFQFPN28
-
170
TSSOP20
-
263
TA
Ambient temperature for the
suffix 6 version
Maximum power dissipation
–40
85
°C
Low power dissipation(3)
–40
105
Ambient temperature for the
suffix 7 version
Maximum power dissipation
–40
105
°C
Low power dissipation(3)
–40
125
TJ
Junction temperature range
Suffix 6 version
–40
105
°C
Suffix 7 version
–40
125
1. For operation with a voltage higher than VDDIOx + 0.3 V, the internal pull-up resistor must be disabled.
2. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax. See Section 7.8: Thermal characteristics.
3. In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Section 7.8:
Thermal characteristicsSection 7.8: Thermal characteristics
).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com