Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042T6 Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32F042T6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042T6 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32F042T6 Datasheet HTML 109Page - STMicroelectronics STM32F042T6 Datasheet HTML 110Page - STMicroelectronics STM32F042T6 Datasheet HTML 111Page - STMicroelectronics STM32F042T6 Datasheet HTML 112Page - STMicroelectronics STM32F042T6 Datasheet HTML 113Page - STMicroelectronics STM32F042T6 Datasheet HTML 114Page - STMicroelectronics STM32F042T6 Datasheet HTML 115Page - STMicroelectronics STM32F042T6 Datasheet HTML 116Page - STMicroelectronics STM32F042T6 Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 114 / 117 page
background image
Revision history
STM32F042x4 STM32F042x6
114/117
DocID025832 Rev 5
9
Revision history
Table 76. Document revision history
Date
Revision
Changes
25-Feb-2014
1
Initial release.
03-Apr-2014
2
Added the sample engineering sections for all the packages in the
chapter Package information:
Updated tables:
– STM32F042x4/x6 USART implementation: added one table
footnote.
– STM32F042x pin definitions,
– Current characteristics,
– Typical and maximum current consumption from VDD supply at VDD
= 3.6 V,
– Typical and maximum current consumption from the VDDA supply,
– Typical and maximum consumption in Stop and Standby modes,
– Typical and maximum current consumption from the VBAT supply,
– Typical current consumption, code executing from Flash, running
from HSE 8 MHz crystal,
– Flash memory characteristics,
– I/O static characteristics,
– I/O current injection susceptibility,
– EMS characteristics,
– EMI characteristics,
Updated figures:
– UFQFPN32 32-pin package pinout,
– UQFPN28 28-pin package,
– Power supply scheme,
– TC and TTa I/O input characteristics,
– Five volt tolerant (FT and FTf) I/O input characteristics.
– LQFP48 marking example (package top view),
– UFQFPN48 marking example (package top view),
– WLCSP36 marking example (package top view),
– LQFP32 marking example (package top view),
– UFQFPN28 marking example (package top view),
– UFQFPN32 marking example (package top view),
– TSSOP20 marking example (package top view)
26-Oct-2015
3
Cover page:
number of I/Os and timers updated.
Updates in Section 2: Description:
– updated Figure 1: Block diagram
Updates in Section 3: Functional overview:
– updated Figure 2: Clock tree
– addition of the number of complementary outputs for the advanced
control timer and for TIM16, TIM17 general purpose timers in
Table 7: Timer feature comparison
– removal of USART2 from Figure 3.5.4: Low-power modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com