Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS53353
Description  High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS53353_17 Datasheet HTML 12Page - Texas Instruments TPS53353_17 Datasheet HTML 13Page - Texas Instruments TPS53353_17 Datasheet HTML 14Page - Texas Instruments TPS53353_17 Datasheet HTML 15Page - Texas Instruments TPS53353_17 Datasheet HTML 16Page - Texas Instruments TPS53353_17 Datasheet HTML 17Page - Texas Instruments TPS53353_17 Datasheet HTML 18Page - Texas Instruments TPS53353_17 Datasheet HTML 19Page - Texas Instruments TPS53353_17 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
(
)
(
)
(
)
-
´
=
+
=
+
´
´ ´
´
´
IND(ripple)
IN
OUT
OUT
TRIP
TRIP
OCP
SW
IN
DS(on)
DS(on)
I
V
V
V
V
V
1
I
2
2 L f
V
32 R
32 R
(
)
( )
( )
=
W ´
m
TRIP
TRIP
TRIP
V
mV
R
k
I
A
16
TPS53353
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.3.5 Power-Good
The TPS53353 has power-good output that indicates high when switcher output is within the target. The power-
good function is activated after soft-start has finished. If the output voltage becomes within +10% and –5% of the
target value, internal comparators detect power-good state and the power-good signal becomes high after a 1-
ms internal delay. If the output voltage goes outside of +15% or –10% of the target value, the power-good signal
becomes low after two microsecond (2-
μs) internal delay. The power-good output is an open drain output and
must be pulled up externally.
The power-good MOSFET is powered through the VDD pin. VVDD must be >1 V in order to have a valid power-
good logic. It is recommended to pull PGOOD up to VREG (or a voltage divided from VREG) so that the power-
good logic is still valid even without VDD supply.
7.3.6 Current Sense, Overcurrent and Short Circuit Protection
TPS53353 has cycle-by-cycle overcurrent limiting control. The inductor current is monitored during the OFF state
and the controller maintains the OFF state during the period in that the inductor current is larger than the
overcurrent trip level. In order to provide both good accuracy and cost effective solution, TPS53353 supports
temperature compensated MOSFET RDS(on) sensing. The TRIP pin should be connected to GND through the trip
voltage setting resistor, RTRIP. The TRIP terminal sources current (ITRIP) which is 10 μA typically at room
temperature, and the trip level is set to the OCL trip voltage VTRIP as shown in Equation 1.
(1)
The inductor current is monitored by the LL pin. The GND pin is used as the positive current sensing node and
the LL pin is used as the negative current sense node. The trip current, ITRIP has 4700ppm/°C temperature slope
to compensate the temperature dependency of the RDS(on).
As the comparison is made during the OFF state, VTRIP sets the valley level of the inductor current. Thus, the
load current at the overcurrent threshold, IOCP, can be calculated as shown in Equation 2.
(2)
In an overcurrent or short circuit condition, the current to the load exceeds the current to the output capacitor
thus the output voltage tends to decrease. Eventually, it crosses the undervoltage protection threshold and shuts
down. After a hiccup delay (16 ms with 0.7 ms sort-start), the controller restarts. If the overcurrent condition
remains, the procedure is repeated and the device enters hiccup mode.
Hiccup time calculation:
tHIC(wait) = (2
n + 257) × 4 μs
where
•
N = 8, 9, 10, or 11 depending on soft start time selection
(3)
tHIC(dly) = 7 × (2
n + 257) × 4 μs
(4)
Table 2. Hiccup Time Calculation
SELECTED SOFT-START TIME
(tSS) (ms)
n
HICCUP WAIT TIME (tHIC(wait)) (ms)
HICCUP DELAY TIME (tHIC(dly)) (ms)
0.7
8
2.052
14.364
1.4
9
3.076
21.532
2.8
10
5.124
35.868
5.6
11
9.22
64.54
7.3.7 Overvoltage and Undervoltage Protection
TPS53353 monitors a resistor divided feedback voltage to detect over and under voltage. When the feedback
voltage becomes lower than 70% of the target voltage, the UVP comparator output goes high and an internal
UVP delay counter begins counting. After 1ms, TPS53353 latches OFF both high-side and low-side MOSFETs
drivers. The controller restarts after a hiccup delay (16 ms with 0.7 ms soft-start). This function is enabled 1.5-ms
after the soft-start is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com