Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS53353
Description  High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS53353_17 Datasheet HTML 16Page - Texas Instruments TPS53353_17 Datasheet HTML 17Page - Texas Instruments TPS53353_17 Datasheet HTML 18Page - Texas Instruments TPS53353_17 Datasheet HTML 19Page - Texas Instruments TPS53353_17 Datasheet HTML 20Page - Texas Instruments TPS53353_17 Datasheet HTML 21Page - Texas Instruments TPS53353_17 Datasheet HTML 22Page - Texas Instruments TPS53353_17 Datasheet HTML 23Page - Texas Instruments TPS53353_17 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
UDG-11049
RF
TRIP
MODE
VDD
VREG VIN
VIN
VIN
VIN
VIN
VIN
TPS53353
VFB
EN
PGOOD
VBST
N/C
LL
LL
LL
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
VOUT
C5
0.1 mF
VREG
CIN
22 mF
GND
LL
LL
LL
L1
0.44 mH
PA 0513 .441
COUT
330 mF
15 kW
R2
10 kW
R10
100 kW
VIN
R11
NI
C6
NI
COUT
330 mF
R9
2 W
CIN
22 mF
CIN
22 mF
CIN
22 mF
8 V
to
14 V
R6
200 kW
R8
110 kW
R4
NI
C4
4.7 mF
C3
1 mF
VVDD
4.5 V to 25 V
EN
PGOOD
20
TPS53353
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS53353 is a high-efficiency, single channel, synchronous buck converter suitable for low output voltage
point-of-load applications in computing and similar digital consumer applications. The device features proprietary
D-CAP mode control combined with an adaptive on-time architecture. This combination is ideal for building
modern low duty ratio, ultra-fast load step response DC-DC converters. The output voltage ranges from 0.6 V to
5.5 V. The conversion input voltage range is from 1.5 V up to 15 V and the VDD bias voltage is from 4.5 V to 25
V. The D-CAP mode uses the equivalent series resistance (ESR) of the output capacitor(s) to sense the device
current. One advantage of this control scheme is that it does not require an external phase compensation
network. This allows a simple design with a low external component count. Eight preset switching frequency
values can be chosen using a resistor connected from the RF pin to ground or VREG. Adaptive on-time control
tracks the preset switching frequency over a wide input and output voltage range while allowing the switching
frequency to increase at the step-up of the load.
8.2 Typical Applications
8.2.1 Typical Application Circuit Diagram
Figure 38. Typical Application Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com