Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS53353
Description  High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS53353_17 Datasheet HTML 4Page - Texas Instruments TPS53353_17 Datasheet HTML 5Page - Texas Instruments TPS53353_17 Datasheet HTML 6Page - Texas Instruments TPS53353_17 Datasheet HTML 7Page - Texas Instruments TPS53353_17 Datasheet HTML 8Page - Texas Instruments TPS53353_17 Datasheet HTML 9Page - Texas Instruments TPS53353_17 Datasheet HTML 10Page - Texas Instruments TPS53353_17 Datasheet HTML 11Page - Texas Instruments TPS53353_17 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
1.080
1.085
1.090
1.095
1.100
1.105
1.110
1.115
1.120
4
6
8
10
12
14
16
Input Voltage (V)
FCCM, IOUT = 0 A
Skip Mode, IOUT = 0 A
FCCM and Skip Mode, IOUT = 20 A
fSW = 500 kHz
VIN = 12 V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
20
Output Current (A)
Skip Mode, fSW = 500 kHz
FCCM, fSW = 500 kHz
Skip Mode, fSW = 300 kHz
FCCM, fSW = 300 kHz
VIN = 12 V
VVDD = 5 V
VOUT = 1.1 V
G001
0
300
600
900
1200
1500
0
1
2
3
4
5
6
Output Voltage (V)
fSET = 300 kHz
fSET = 500 kHz
fSET = 750 kHz
fSET = 1 MHz
VIN = 12 V
IOUT = 10 A
1.080
1.085
1.090
1.095
1.100
1.105
1.110
1.115
1.120
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
Skip Mode
FCCM
fSW = 500 kHz
VIN = 12 V
VOUT = 1.1 V
G001
1
10
100
1000
0.01
0.1
1
10
20
Output Current (A)
FCCM
Skip Mode
VIN = 12 V
VOUT = 1.1 V
fSW = 750 kHz
G001
1
10
100
1000
0.01
0.1
1
10
20
Output Current (A)
FCCM
Skip Mode
VIN = 12 V
VOUT = 1.1 V
fSW = 1 MHz
G001
8
TPS53353
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Switching Frequency vs. Output Current
Figure 8. Switching Frequency vs. Output Current
Figure 9. Switching Frequency vs. Output Voltage
Figure 10. Output Voltage vs. Output Current
Figure 11. Output Voltage vs. Input Voltage
Figure 12. Efficiency vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com