Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS53353
Description  High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS53353_17 Datasheet HTML 11Page - Texas Instruments TPS53353_17 Datasheet HTML 12Page - Texas Instruments TPS53353_17 Datasheet HTML 13Page - Texas Instruments TPS53353_17 Datasheet HTML 14Page - Texas Instruments TPS53353_17 Datasheet HTML 15Page - Texas Instruments TPS53353_17 Datasheet HTML 16Page - Texas Instruments TPS53353_17 Datasheet HTML 17Page - Texas Instruments TPS53353_17 Datasheet HTML 18Page - Texas Instruments TPS53353_17 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
VFB
Compensation
Ramp
PWM
t
ON
t
OFF
VREF
UDG-10209
VFB
VREF
PWM
t
ON
t
OFF
UDG-10208
15
TPS53353
www.ti.com
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table 1. Resistor and Switching Frequency (continued)
RESISTOR (RRF)
CONNECTIONS
SWITCHING
FREQUENCY
(fSW)
(kHz)
VALUE (k
Ω)
CONNECT TO
619
GND
400
OPEN
n/a
500
866
VREG
650
309
VREG
750
124
VREG
850
0
VREG
970
The off-time is modulated by a PWM comparator. The VFB node voltage (the mid-point of resistor divider) is
compared to the internal 0.6-V reference voltage added with a ramp signal. When both signals match, the PWM
comparator asserts a set signal to terminate the off time (turn off the low-side MOSFET and turn on high-side
MOSFET). The set signal is valid if the inductor current level is below the OCP threshold, otherwise the off time
is extended until the current level falls below the threshold.
Figure 35 and Figure 36 show two on-time control schemes.
Figure 35. On-Time Control Without Ramp
Compensation
Figure 36. On-Time Control With Ramp
Compensation
7.3.3 Ramp Signal
The TPS53353 adds a ramp signal to the 0.6-V reference in order to improve jitter performance. As described in
the previous section, the feedback voltage is compared with the reference information to keep the output voltage
in regulation. By adding a small ramp signal to the reference, the signal-to-noise ratio at the onset of a new
switching cycle is improved. Therefore the operation becomes less jittery and more stable. The ramp signal is
controlled to start with –7 mV at the beginning of an on-cycle and becomes 0 mV at the end of an off-cycle in
steady state.
During skip mode operation, under discontinuous conduction mode (DCM), the switching frequency is lower than
the nominal frequency and the off-time is longer than the off-time in CCM. Because of the longer off-time, the
ramp signal extends after crossing 0 mV. However, it is clamped at 3 mV to minimize the DC offset.
7.3.4 Adaptive Zero Crossing
The TPS53353 has an adaptive zero crossing circuit which performs optimization of the zero inductor current
detection at skip mode operation. This function pursues ideal low-side MOSFET turning off timing and
compensates inherent offset voltage of the Z-C comparator and delay time of the Z-C detection circuit. It
prevents SW-node swing-up caused by too late detection and minimizes diode conduction period caused by too
early detection. As a result, better light load efficiency is delivered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com