Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS53353
Description  High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS53353_17 Datasheet HTML 19Page - Texas Instruments TPS53353_17 Datasheet HTML 20Page - Texas Instruments TPS53353_17 Datasheet HTML 21Page - Texas Instruments TPS53353_17 Datasheet HTML 22Page - Texas Instruments TPS53353_17 Datasheet HTML 23Page - Texas Instruments TPS53353_17 Datasheet HTML 24Page - Texas Instruments TPS53353_17 Datasheet HTML 25Page - Texas Instruments TPS53353_17 Datasheet HTML 26Page - Texas Instruments TPS53353_17 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
UDG-11050
RF
TRIP
MODE
VDD
VREG VIN
VIN
VIN
VIN
VIN
VIN
TPS53353
VFB
EN
PGOOD
VBST
N/C
LL
LL
LL
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
VOUT
C5
0.1 mF
VREG
CIN
22 mF
GND
LL
LL
LL
L1
0.44 mH
PA 0513 .441
COUT
4 x 100 mF
Ceramic
R1 14.7 kW
R2
10 kW
R10
100 kW
VIN
R11
NI
C6
NI
R9
2 W
CIN
22 mF
CIN
22 mF
CIN
22 mF
8 V
to
14 V
R6
200 kW
R8
110 kW
R4
NI
C4
4.7 mF
C3
1 mF
VVDD
4.5 V to 25 V
R7
3.01 kW
C1
0.1 mF
C2
1 nF
EN
PGOOD
23
TPS53353
www.ti.com
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8.2.2 Typical Application Circuit Diagram With Ceramic Output Capacitors
Figure 41. Typical Application Circuit Diagram With Ceramic Output Capacitors
8.2.2.1 Design Requirements
Table 5. Design Parameters
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VIN
Voltage range
8
12
14
V
IMAX
Maximum Input current
VIN = 8 V, IOUT = 20 A
4.1
A
No load input current
VIN = 14 V, IOUT = 0 A with auto-skip mode
1
mA
OUTPUT CHARACTERISTICS
VOUT
Output voltage
1.5
V
Output voltage regulation
Line regulation, 8 V
≤ VIN ≤ 15 V
0.1%
Load regulation, VIN = 12 V, 0 A ≤ IOUT ≤ 20
A with FCCM
0.2%
VRIPPLE
Output voltage ripple
VIN = 12 V, IOUT = 20 A with FCCM
20
mVPP
ILOAD
Output load current
0
20
A
IOCP
Output overcurrent
threshold
26
A
tSS
Soft-start time
1.4
ms
SYSTEMS CHARACTERISTICS
fSW
Switching frequency
500
kHz
η
Peak efficiency
VIN = 12 V, VOUT = 1.1 V, IOUT = 10 A
91.87%
Full load efficiency
VIN = 12 V, VOUT = 1.1 V, IOUT = 20 A
91.38%
TA
Operating temperature
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com