Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS53353
Description  High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 5 Page - Texas Instruments

  TPS53353_17 Datasheet HTML 1Page - Texas Instruments TPS53353_17 Datasheet HTML 2Page - Texas Instruments TPS53353_17 Datasheet HTML 3Page - Texas Instruments TPS53353_17 Datasheet HTML 4Page - Texas Instruments TPS53353_17 Datasheet HTML 5Page - Texas Instruments TPS53353_17 Datasheet HTML 6Page - Texas Instruments TPS53353_17 Datasheet HTML 7Page - Texas Instruments TPS53353_17 Datasheet HTML 8Page - Texas Instruments TPS53353_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
TPS53353
www.ti.com
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.4 Thermal Information
THERMAL METRIC(1)
TPS53353
UNIT
DQP (LSON-CLIP)
22 PINS
θJA
Junction-to-ambient thermal resistance
27.2
°C/W
θJCtop
Junction-to-case (top) thermal resistance
17.1
θJB
Junction-to-board thermal resistance
5.9
ψJT
Junction-to-top characterization parameter
0.8
ψJB
Junction-to-board characterization parameter
5.8
θJCbot
Junction-to-case (bottom) thermal resistance
1.2
(1)
Ensured by design. Not production tested.
6.5 Electrical Characteristics
Over recommended free-air temperature range, VVDD= 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VVIN
VIN pin power conversion input
voltage
1.5
15
V
VVDD
Supply input voltage
4.5
25
V
IVIN(leak)
VIN pin leakage current
VEN = 0 V
1
µA
IVDD
VDD supply current
TA = 25°C, No load, VEN = 5 V, VVFB = 0.630 V
420
590
µA
IVDDSDN
VDD shutdown current
TA = 25°C, No load, VEN = 0 V
10
µA
INTERNAL REFERENCE VOLTAGE
VVFB
VFB regulation voltage
CCM condition(1)
0.6
V
VVFB
VFB regulation voltage
TA = 25°C
0.597
0.6
0.603
V
0°C
≤ TA ≤ 85°C
0.5952
0.6
0.6048
–40°C
≤ TA ≤ 85°C
0.594
0.6
0.606
IVFB
VFB input current
VVFB = 0.630 V, TA = 25°C
0.01
0.2
µA
LDO OUTPUT
VVREG
LDO output voltage
0 mA
≤ IVREG ≤ 30 mA
4.77
5
5.36
V
IVREG
LDO output current(1)
Maximum current allowed from LDO
30
mA
VDO
Low drop out voltage
VVDD = 4.5 V, IVREG = 30 mA
230
mV
BOOT STRAP SWITCH
VFBST
Forward voltage
VVREG-VBST, IF = 10 mA, TA = 25°C
0.1
0.2
V
IVBSTLK
VBST leakage current
VVBST = 23 V, VSW = 17 V, TA = 25°C
0.01
1.5
µA
DUTY AND FREQUENCY CONTROL
tOFF(min)
Minimum off time
TA = 25°C
150
260
400
ns
tON(min)
Minimum on time
VIN = 17 V, VOUT = 0.6 V, RRF = 39 kΩ,
TA = 25 °C
(1)
35
ns
SOFT START
tSS
Internal soft-start time from
VOUT = 0 V to 95% of VOUT
RMODE = 39 kΩ
0.7
ms
RMODE = 100 kΩ
1.4
RMODE = 200 kΩ
2.8
RMODE = 470 kΩ
5.6
INTERNAL MOSFETs
RDS(on)H
High-side MOSFET on-resistance
TA = 25 °C
5.5
m
Ω
RDS(on)L
Low-side MOSFET on-resistance
TA = 25 °C
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com