Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS53353
Description  High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS53353_17 Datasheet HTML 10Page - Texas Instruments TPS53353_17 Datasheet HTML 11Page - Texas Instruments TPS53353_17 Datasheet HTML 12Page - Texas Instruments TPS53353_17 Datasheet HTML 13Page - Texas Instruments TPS53353_17 Datasheet HTML 14Page - Texas Instruments TPS53353_17 Datasheet HTML 15Page - Texas Instruments TPS53353_17 Datasheet HTML 16Page - Texas Instruments TPS53353_17 Datasheet HTML 17Page - Texas Instruments TPS53353_17 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
VREG
VDD
Above 2.0 V
EN
0.6 V
VREF
VOUT
250 µs
Soft-Start .
14
TPS53353
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Functional Block Diagram (continued)
NOTE
The thresholds in this block diagram are typical values. Refer to the Electrical
Characteristics table for threshold limits.
7.3 Feature Description
7.3.1 5-V LDO and VREG Start-Up
TPS53353 provides an internal 5-V LDO function using input from VDD and output to VREG. When the VDD
voltage rises above 2 V, the internal LDO is enabled and outputs voltage to the VREG pin. The VREG voltage
provides the bias voltage for the internal analog circuitry and also provides the supply voltage for the gate drives.
Figure 34. Power Up Sequence
NOTE
The 5-V LDO is not controlled by the EN pin. The LDO starts-up any time VDD rises to
approximately 2 V. (See Figure 34.)
7.3.2 Adaptive On-Time D-CAP™ Control and Frequency Selection
The TPS53353 does not have a dedicated oscillator to determine switching frequency. However, the device
operates with pseudo-constant frequency by feed-forwarding the input and output voltages into the on-time one-
shot timer. The adaptive on-time control adjusts the on-time to be inversely proportional to the input voltage and
proportional to the output voltage (tON ∝ VOUT/VIN).
This makes the switching frequency fairly constant in steady state conditions over a wide input voltage range.
The switching frequency is selectable from eight preset values by a resistor connected between the RF pin and
GND or between the RF pin and the VREG pin as shown in Table 1. (Maintaining open resistance sets the
switching frequency to 500 kHz.)
Table 1. Resistor and Switching Frequency
RESISTOR (RRF)
CONNECTIONS
SWITCHING
FREQUENCY
(fSW)
(kHz)
VALUE (k
Ω)
CONNECT TO
0
GND
250
187
GND
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com