Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS53353
Description  High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS53353_17 Datasheet HTML 8Page - Texas Instruments TPS53353_17 Datasheet HTML 9Page - Texas Instruments TPS53353_17 Datasheet HTML 10Page - Texas Instruments TPS53353_17 Datasheet HTML 11Page - Texas Instruments TPS53353_17 Datasheet HTML 12Page - Texas Instruments TPS53353_17 Datasheet HTML 13Page - Texas Instruments TPS53353_17 Datasheet HTML 14Page - Texas Instruments TPS53353_17 Datasheet HTML 15Page - Texas Instruments TPS53353_17 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
VOUT = 1.1 V
VOUT = 1.0 V
FCCM
VIN = 5 V
VVDD = 5 V
fSW = 500 kHz
G001
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
VOUT = 1.1 V
VOUT = 1.0 V
Skip Mode
VIN = 5 V
VVDD = 5 V
fSW = 500 kHz
G001
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
VOUT = 5.0 V
VOUT = 3.3 V
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
VOUT = 1.1 V
VOUT = 1.0 V
FCCM
VIN = 12 V
VVDD = 5 V
fSW = 500 kHz
G000
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
VOUT = 5.0 V
VOUT = 3.3 V
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
VOUT = 1.1 V
VOUT = 1.0 V
Skip Mode
VIN = 12 V
VVDD = 5 V
fSW = 500 kHz
G000
12
TPS53353
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 30. Efficiency vs Output Current
Figure 31. Efficiency vs Output Current
Figure 32. Efficiency vs Output Current
Figure 33. Efficiency vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com