Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS53353
Description  High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS53353_17 Datasheet HTML 7Page - Texas Instruments TPS53353_17 Datasheet HTML 8Page - Texas Instruments TPS53353_17 Datasheet HTML 9Page - Texas Instruments TPS53353_17 Datasheet HTML 10Page - Texas Instruments TPS53353_17 Datasheet HTML 11Page - Texas Instruments TPS53353_17 Datasheet HTML 12Page - Texas Instruments TPS53353_17 Datasheet HTML 13Page - Texas Instruments TPS53353_17 Datasheet HTML 14Page - Texas Instruments TPS53353_17 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
VOUT = 5.0 V
VOUT = 3.3 V
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
VOUT = 1.1 V
VOUT = 1.0 V
FCCM
VIN = 12 V
VVDD = 5 V
fSW = 300 kHz
G001
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
VOUT = 5.0 V
VOUT = 3.3 V
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
VOUT = 1.1 V
VOUT = 1.0 V
Skip Mode
VIN = 12 V
VVDD = 5 V
fSW = 300 kHz
G000
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
400 LFM
200 LFM
100 LFM
Natural Convection
VIN = 12 V
VOUT = 5 V
fSW = 500 kHz
G000
Time (1 s/div)
V
IN = 12 V
I
OUT = 20 A
EN (5 V/div)
V
OUT (1 V/div)
PGOOD (5 V/div)
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
All Levels of Air Flow
VIN = 12 V
VOUT = 1.2 V
fSW = 500 kHz
G000
11
TPS53353
www.ti.com
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 25. Overtemperature Protection Waveforms
Figure 26. Safe Operating Area
Figure 27. Safe Operating Area
For VOUT = 5 V, an SC5026-1R0 inductor is used. For 1 ≤ VOUT ≤ 3.3 V, a PA0513.441 inductor is used
Figure 28. Efficiency vs Output Current
Figure 29. Efficiency vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com